Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC245F Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC245F
Description  High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC245F Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC245F Datasheet HTML 1Page - Texas Instruments CD54HC245F Datasheet HTML 2Page - Texas Instruments CD54HC245F Datasheet HTML 3Page - Texas Instruments CD54HC245F Datasheet HTML 4Page - Texas Instruments CD54HC245F Datasheet HTML 5Page - Texas Instruments CD54HC245F Datasheet HTML 6Page - Texas Instruments CD54HC245F Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS119
Features
• Buffered Inputs
• Three-State Outputs
• Bus Line Driving Capability
• Typical Propagation Delay (A to B, B to A) 9ns at VCC
= 5V, CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC245, CD54HCT245, CD74HC245, CD74HCT245
(CERDIP, PDIP, SOIC)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
DIR
A0
A1
A2
A3
A4
A6
A5
A7
GND
VCC
B0
B1
B2
OE
B3
B4
B5
B6
B7
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
1651.1
CD54HC245, CD54HCT245,
CD74HC245, CD74HCT245
High Speed CMOS Logic Octal-Bus Transceiver,
Three-State, Non-Inverting
[ /Title
(CD54
HC245
,
CD54
HCT24
5,
CD74
HC245
,
CD74
HCT24
5)
/Sub-
ject
(High
Speed
November 1997


Similar Part No. - CD54HC245F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245F TI-CD54HC245F Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245F TI2-CD54HC245F Datasheet
1Mb / 21P
CDx4HC(T)245 High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non- Inverting
REVISED JULY 2022
CD54HC245F.A TI2-CD54HC245F.A Datasheet
1Mb / 21P
CDx4HC(T)245 High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non- Inverting
REVISED JULY 2022
CD54HC245F3A TI-CD54HC245F3A Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245F3A TI1-CD54HC245F3A Datasheet
853Kb / 17P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results

Similar Description - CD54HC245F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
Octal Bus Transceiver Three-State, Non-Inverting
July 1998
logo
Texas Instruments
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
Octal-Bus Transceiver Three-State, Non-Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com