Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV2805S/ES Datasheet(PDF) 11 Page - Crane Aerospace & Electronics.

Part # MHV2805S/ES
Description  MHV Single, Dual and Triple DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV2805S/ES Datasheet(HTML) 11 Page - Crane Aerospace & Electronics.

Back Button MHV2805S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV2805S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV2805S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV2805S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MHV2805S/ES Datasheet HTML 10Page - Crane Aerospace & Electronics. MHV2805S/ES Datasheet HTML 11Page - Crane Aerospace & Electronics. MHV2805S/ES Datasheet HTML 12Page - Crane Aerospace & Electronics. MHV2805S/ES Datasheet HTML 13Page - Crane Aerospace & Electronics. MHV2805S/ES Datasheet HTML 14Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MHV Single, Dual and Triple DC/DC Converter Cases
Crane Aerospace & Electronics Power Solutions
Page 11 of 14
Rev D - 20060710
www.craneae.com
28 VOLT INPUT – 15 WATT
Bathtub
Seam Seal
0.170
(4.32)
0.000
Flanged cases: Designator "F" required in Case Option position of model number.
BOTTOM VIEW CASE J1
10
9876
12345
1.170 (29.72)
0.670
(17.02)
0.162 dia
(4.11)
MHV Series Triple
Dot on top of case indicates pin one
Seal hole: 0.920 ±0.002
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold compression glass seal
Case J1, Rev D - 20060710
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
0.040 dia.
(1.02)
1.350 max. (34.29)
Flange thickness: 0.060 (1.52)
2.720 max
(69.09)
FIGURE 9: CASE J1 - MHV TRIPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com