Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHV283R3S/883 Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part # MHV283R3S/883
Description  MHV Single, Dual and Triple DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHV283R3S/883 Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  MHV283R3S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MHV283R3S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MHV283R3S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MHV283R3S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MHV283R3S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MHV283R3S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MHV283R3S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MHV283R3S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MHV283R3S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MHV Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 3 of 14
Rev D- 20060710
www.craneae.com
28 VOLT INPUT – 15 WATT
Dot on top of cover
indicates pin one.
Dotted line outlines flanged package option.
6
10
7
8
9
12
345
FIGURE 2: PIN OUT SINGLES AND DUALS
Pin
Single Output
Dual Output
Triple Output
1
Positive Input
Positive Input
Positive Input
2
Inhibit
Inhibit
Main (+5) Output
3
Trim
Positive Output
Output Common
4
Output Common
Output Common Neg. Aux. Output
5
Positive Output
Negative Output Pos. Aux. Output
6,7
Case Ground
Case Ground
Case Ground
8
Case Ground
Case Ground
Inhibit
9
Sync In
Sync In
Sync In
10
Input Common
Input Common
Input Common
Leave sync pin (pin 9) unconnected if not used.
Dot on top of cover
indicates pin one.
BOTTOM VIEW
MHV TRIPLE
FLANGED AND NON-FLANGED
Dotted line outlines flanged package option.
10
9876
12345
FIGURE 3: PIN OUT TRIPLE
See cases H2 and K3 for dimensions.
See cases F1 and J1 for dimensions.
PIN OUT
PINS NOT IN USE
Case
User’s discretion
Inhibit (INH1, INH2)
Leave unconnected
Sync In
Leave unconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com