Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA2812S/883 Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # MSA2812S/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MSA2812S/883 Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  MSA2812S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MSA2812S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MSA2812S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MSA2812S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MSA2812S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MSA2812S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MSA2812S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MSA2812S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RECOMMENDED OPERATING CONDITIONS
TYPICAL CHARACTERISTICS
INHIBIT
ABSOLUTE MAXIMUM RATINGS
Input Voltage
• 16 to 40 V
Output Power
• 5 watts
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –65°C to +135°C
2
MSA SERIES
5 WATT
DC/DC CONVERTERS
Output Voltage Temperature Coefficient
• 100 ppm/°C typical
Input to Output Capacitance
• 50 pF typical
Isolation
• 100 megohm minimum at 500 V
Audio Rejection
• 50 dB typical
Conversion Frequency
• 550 kHz typical (400 kHz 60 V model)
450 kHz min, 600 kHz max
350 kHz min, 450 kHz max 60 V model
Inhibit Pin Voltage (unit enabled)
•9 to 11 V
Input Voltage Range
• 16 to 40 VDC continuous
• 50 V for up to 50 msec transient
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +135°C absolute
Derating Output Power/Current (Tc)
• Linearly from 100% at 125°C to 0% at 135°C
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
Inhibit TTL Open Collector
• Logic low (output disabled)
Logic low voltage
≤0.8 V max
Inhibit pin current 4 mA max
• Referenced to input common
• Logic high (output enabled)
Open collector
Notes
1. MSA2860S specifications are at 25°Tc only, contact your Interpoint
representative for more information on over temperature specs.
2. Line regulation for /ES and non /ES 2805S models at 16 to 17 VIN and 110
°C to 125°C (case) is 5% (max).
3. Indefinite short circuit protection not guaranteed above 125°C (case).
4. Recovery time is measured from application of the transient to point at which
VOUT is within 1% of VOUT at final value.
5. Transition time >10µs.
SINGLE OUTPUT MODELS
MSA2805S
MSA285R2S
MSA2812S
MSA2815S
MSA2860S1
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP MAX
MIN
TYP
MAX
MIN
TYP MAX
MIN
TYP MAX
UNITS
OUTPUT VOLTAGE
Tc = –55°C TO +125°C
4.95
5.00
5.05
5.15
5.20
5.25 11.88 12.00 12.12 14.85 15.00 15.15
59.1 60.00 60.9
VDC
OUTPUT CURRENT
Tc = –55°C TO +125°C
VIN = 16 TO 40 VDC
0
—
1000
0
—
962
0
—
417
0
—
333
0
—
20
mA
OUTPUT POWER
VIN = 16 TO 40 VDC
Tc = –55°C TO +125°C
—
—
5
—
—
5
—
—
5
—
—
5
—
—
1.2
W
OUTPUT RIPPLE
VOLTAGE
10 kHz - 2 MHz
—
125
350
—
110
335
—
50
200
—
50
170
—
—
300
mV p-p
LINE REGULATION
VIN = 16 TO 40 VDC
Tc = –55°C TO +125°C
—
10
502
—
10
50
—
10
50
—
10
50
—
—
300
mV
LOAD REGULATION
NO LOAD TO FULL
Tc = –55°C TO +125°C
—
10
50
—
10
50
—
10
50
—
10
50
—
—
300
mV
INPUT VOLTAGE
Tc = –55°C TO +125°C
NO LOAD TO FULL
CONTINUOUS
16
28
40
16
28
40
16
28
40
16
28
40
16
28
40
VDC
TRANSIENT 50 ms
0
—
50
0
—
50
0
—
50
0
—
50
0
—
50
V
INPUT CURRENT
NO LOAD
—
27
40
—
28
40
—
29
42
—
31
44
—
—
30
Tc = –55°C TO +125°C
FULL LOAD
—
250
—
—
250
—
—
235
—
—
235
—
—
72
—
mA
INHIBITED
—
3
5
—
3
5
—
3
5
—
3
5
—
3
5
INPUT RIPPLE
10 kHz - 10 MHz
—
25
100
—
25
100
—
25
100
—
25
100
—
—
90
mA p-p
CURRENT
Tc = –55°C TO +125°C
—
30
150
—
30
150
—
30
150
—
30
150
—
—
—
EFFICIENCY
66
71
—
66
71
—
70
76
—
71
76
—
70
75
—
%
LOAD FAULT3, 4
POWER DISSIPATION
—
1.5
2.0
—
1.5
2.0
—
1.2
1.9
—
1.2
1.8
—
—
—
W
SHORT CIRCUIT
RECOVERY
—
12.5
25
—
1.5
25
—
1
10
—
1
10
—
—
—
ms
STEP LOAD
50% - 100% - 50%
RESPONSE4, 5
TRANSIENT
—
100
250
—
100
250
—
150
375
—
200
500
—
—
—
mV pk
RECOVERY
—
100
250
—
100
250
—
200
500
—
200
500
—
—
—
µs
STEP LINE
TRANSIENT
RESPONSE4, 5
16 TO 40 VIN
—
50
150
—
50
150
—
80
200
—
50
125
—
—
—
mV pk
40 TO 16 VIN
—
50
150
—
50
150
—
100
250
—
50
125
—
—
—
RECOVERY
16 TO 40 VIN
—
100
250
—
100
250
—
250
625
—
250
625
—
—
—
µs
40 TO 16 VIN
—
200
500
—
200
500
—
250
625
—
250
625
—
—
—
START-UP
DELAY
—
10
25
—
10
25
—
3
10
—
3
10
—
—
—
ms
OVERSHOOT
—
0
50
—
0
50
—
0
120
—
0
150
—
—
—
mV pk



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com