Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSA2815S/883 Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # MSA2815S/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MSA2815S/883 Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  MSA2815S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MSA2815S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MSA2815S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MSA2815S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MSA2815S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MSA2815S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MSA2815S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MSA2815S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MODELS
VDC OUTPUT
1
Size (max.):
1.075 x 1.075 x 0.270 inches (27.31 x 27.31 x 6.86 mm)
Weight:
15 grams maximum.
Screening:
Standard, ES, or 883 (Class H).
SINGLE
5
5.2
12
15
60
DUAL
±5
±12
±15
DESCRIPTION
The MSA Series™ of high frequency DC/DC converters offers a new
standard of performance for low power, military/aerospace grade
DC/DC converters. MSA parts provide up to 5 watts output power
over the full military temperature range with up to 76% efficiency.
Thick-film hybrid techniques provide military/aerospace reliability
levels and optimum miniaturization. The hermetically sealed case is
only 1.075 by 1.075 inches — with a height of only 0.270 inches.
Power density for the MSA Series parts is 16 watts per cubic inch.
The MSA Series’ small size, low height, and hermetically sealed
metal enclosures make them ideal for use in military, aerospace and
other high reliability applications. Units are available with standard,
screening, “ES”,
and fully compliant SMD “883” screening. See
page 8 for screening options and descriptions.
CONVERTER DESIGN
The MSA converters are switching regulators that use a flyback
converter design with a constant switching frequency of 550 kHz.
They are regulated, isolated units using a pulse width modulated
topology and built as high reliability thick-film hybrids. Isolation
between input and output circuits is provided with a transformer in
the forward power path and an optical link in the feedback control
loop. Excellent input line transient response and audio rejection is
achieved by an advanced feed-forward compensation technique.
Negative output regulation is maintained by tightly coupled
magnetics. Up to 4 watts, 80% of the total output power, is available
from either output, provided that the opposite output is simultane-
ously carrying 20% of the total power. Each output must carry a
minimum of 20% of the total output power in order to maintain spec-
ified regulation on the negative output. Predictable current limit is
accomplished by direct monitoring of the output load current, which
results in a constant current output above the overload point.
Internal input and output filters eliminate the need for external
capacitors.
WIDE VOLTAGE RANGE
The MSA converters are designed to provide full power operation
over a full 16 to 40 VDC voltage range. Operation below 16 volts,
including MIL-STD-704E emergency power conditions is possible
with derated power. Please refer to the low line dropout graphs
(Figures 17 and 18) for details. A low voltage lockout feature keeps
the converter shutdown below approximately 13 VDC to ensure
smooth initialization.
IMPROVED DYNAMIC RESPONSE
The MSA feed-forward compensation system provides excellent
dynamic response and noise rejection. Audio rejection is typically 50
dB. The minimum to maximum step line transient response is typi-
cally less than 1%.
INHIBIT FUNCTION
MSA converters provide a TTL open collector-compatible inhibit
feature that can be used to disable internal switching and inhibit the
unit’s output. Inhibiting in this manner results in low standby current,
and no generation of switching noise.
The converter is inhibited when the TTL compatible low (
≤0.8 V) is
applied to the inhibit pin. The unit is enabled when the pin, which is
internally connected to a pull-up resistor, is left unconnected or is
connected to an open collector gate. The open circuit output voltage
associated with the inhibit pin is 9 to 11 V. In the inhibit mode, a
maximum of 4 mA must be sunk from the inhibit pin.
UNDERVOLTAGE LOCKOUT AND TRANSIENT
PROTECTION
Undervoltage lockout helps keep system current levels low during
initialization or re-start operations. They can withstand short term
transients of up to 50 volts without damage.
DC/DC CONVERTERS
28 VOLT INPUT
MSA SERIES
5 WATT
FEATURES
• –55° to +125°C operation
• 16 to 40 VDC input
• Fully isolated
• Optocoupler feedback
• Fixed frequency, 550 kHz typical
(400 kHz typ. 60 V output model)
• Topology – Flyback
• 50 V for up to 50 ms transient protection
• Inhibit function
• Indefinite short circuit protection
• Up to 76% efficiency, 16 W/in3


Similar Part No. - MSA2815S/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MSA2815S/883 INTERPOINT-MSA2815S/883 Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2815S/883 INTERPOINT-MSA2815S/883 Datasheet
340Kb / 15P
MSA/MGA Single and Dual DC-DC Converters
More results

Similar Description - MSA2815S/883

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
HR121-2805 INTERPOINT-HR121-2805 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MHV283R3S INTERPOINT-MHV283R3S Datasheet
241Kb / 14P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com