Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTR2818S/883 Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part # MTR2818S/883
Description  MTR Single, Dual and Triple DC/DC Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MTR2818S/883 Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  MTR2818S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MTR2818S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MTR2818S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MTR2818S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MTR2818S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MTR2818S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MTR2818S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MTR2818S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MTR2818S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PINS NOT IN USE
Inhibit
Leave unconnected
Sync In
Connect to input common
Sense Lines
Must be connected to appropriate outputs
MTR Single, Dual and Triple DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 3 of 19
Rev G - 20060505
www.craneae.com
28 VOLT INPUT – 30 WATT
BOTTOM VIEW
MTR SINGLE
FLANGED AND NON-FLANGED
Dot on top of cover indicates pin one.
Dotted line outlines flanged package option.
6
10
7
8
9
12
345
FIGURE 1: PIN OUT SINGLE OUTPUT MODELS
Pin
Single Output
Dual Output
Triple Output
1
Positive Input
Positive Input
Positive Input
2
Inhibit
Inhibit
Main (+5) Output
3
Sense Return
Positive Output
Output Common
4
Output Common
Output Common
Neg. Aux. Output
5
Positive Output
Negative Output
Pos. Aux. Output
6
Positive Sense
Case Ground
Case Ground
7
Case Ground
Case Ground
Case Ground
8
Case Ground
Case Ground
Inhibit
9
Sync
Sync
Sync
10
Input Common
Input Common
Input Common
BOTTOM VIEW
MTR TRIPLE
FLANGED AND NON-FLANGED
Dotted line outlines flanged package option.
10
9876
12345
Squared corner and dot on top
of package indicate pin one.
FIGURE 3: PIN OUT TRIPLE OUTPUT MODELS
BOTTOM VIEW
MTR DUAL
FLANGED AND NON-FLANGED
Dot on top of cover indicates pin one.
6
10
7
8
9
12
345
Dotted line outlines flanged package option.
FIGURE 2: PIN OUT DUAL OUTPUT MODELS
See cases H2, H4, K3 and K5 for dimensions.
See cases H2, H4, K3 and K5 for dimensions.
See cases F1 and J1 for dimensions.
PIN OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com