Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC4538F Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4538F
Description  High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC4538F Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD54HC4538F Datasheet HTML 3Page - Texas Instruments CD54HC4538F Datasheet HTML 4Page - Texas Instruments CD54HC4538F Datasheet HTML 5Page - Texas Instruments CD54HC4538F Datasheet HTML 6Page - Texas Instruments CD54HC4538F Datasheet HTML 7Page - Texas Instruments CD54HC4538F Datasheet HTML 8Page - Texas Instruments CD54HC4538F Datasheet HTML 9Page - Texas Instruments CD54HC4538F Datasheet HTML 10Page - Texas Instruments CD54HC4538F Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Power-Down Mode
During a rapid power-down condition, as would occur with a
power-supply short circuit with a poorly filtered power supply,
the energy stored in CX could discharge into Pin 2 or 14. To
aviod possible device damage in this mode, when CX is ≥
0.5
µF, a protection diode with a 1 ampere or higher rating
(1N5395 or equivalent) and a separate ground return for CX
should be provided as shown in Figure 12.
An alternate protection method is shown in Figure 13, where
a51
Ω current-limiting resistor is inserted in series with CX.
Note that a small pulse width decrease will occur however,
and RX must be appropriately increased to obtain the origi-
nally desired pulse width.
FIGURE 12. RAPID POWER-DOWN PROTECTION CIRCUIT
IN5395
OR
EQUIVALENT
RX
CX
≥0.5µF
1(15)
2(14)
VCC
16
8
+
FIGURE 13. ALTERNATE RAPID POWER-DOWN PROTECTION
CIRCUIT
RX
CX
≥0.5µF
1(15)
2(14)
VCC
16
8
51
Ω
CD54HC4538, CD74HC4538, CD74HCT4538



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com