Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPI220LE Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI220LE
Description  220/250 Watts Flex ATX Switching Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI220LE Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI220LE Datasheet HTML 1Page - Sparkle Power Inc. SPI220LE Datasheet HTML 2Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Line Reg.
Ripple & Noise
+3.3V
0.5A
7A
14A
± 5%
± 1%
50mV P-P
+5V
0.5A
8A
16A
± 5%
± 1%
50mV P-P
+12V1
1.0A
8A
16A
± 5%
± 1%
120mV P-P
+12V2
1.0A
5A
10A
± 5%
± 1%
100mV P-P
-12V
0.0A
0.4A
0.8A
± 10%
± 1%
120mV P-P
+5Vsb
0.0A
1.25A
2.5A
± 5%
± 1%
50mV P-P
*220W (50°C): +3.3V, +5V, and +12V total output cannot exceed 215W.
*250W (25°C): +3.3V, +5V, and +12V total output cannot exceed 245W
*+3.3V and +5V total output not exceed 110W
* Total output for this subject power supply is 220W
Input Characteristics
Input Range: 90 ~ 264Vac (RMS), Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 5A (RMS) @ 115Vac, 3A (RMS) @ 230Vac
Inrush Current: :No damage at cold start
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
• Temperature Range: Operating 0° C ~ +25° C on 250W
output load or 0° C ~ +50° C on 220W output load ; storage
& shipping -20° C ~ +80° C
• Humidity: 5 ~ 90% on operating, 5 ~ 95% on storage
• Dielectric Withstand: Primary frame ground 1800V AC for
1 second
• Efficiency: 80% minimum, typical up to 87%
• Rise time: Less than 20ms
• Hold-up Time: 17ms minimum at nominal input voltage
• Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
• Leakage Current: Less than 3.5mA at 264Vac, 50Hz
• MTBF: 100,000 hours on maximum load at +25°C
• Dimensions (LxWxH):150x81.5x40.5mm /6x3.2x1.6inch
SPI220LE
(80PLUS, RoHS Compliant)
220/250 Watts Flex ATX Switching Power Supply
Features
• Complied with Flex ATX and ATX12V standard
• Active Power Factor Correction (PFC) meet EN61000-3-2
• High efficiency and reliability
• Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
• Remote ON/OFF function
• Internal 12V DC fan included
• Noise Killer (thermal fan speed control function)
• Low noise and ripple
• Output over voltage, short circuit, and over current protection
• 100% Hi-pot, ATE, and burn-in tested
• Re-settable power shut down
• Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by UL60950, CSA C22.2 NO. 60
•
VDE EN60950, NEMKO EN60950 (CB Report) CE
950, TUV EN60950 or


Similar Part No. - SPI220LE

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI220LE5 SPI-SPI220LE5 Datasheet
230Kb / 2P
220/250 Watts Flex ATX Switching Power Supply
More results

Similar Description - SPI220LE

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP150-50PL SPI-FSP150-50PL Datasheet
70Kb / 1P
150 Watts Flex ATX Switching Power Supply
SPI220LE5 SPI-SPI220LE5 Datasheet
230Kb / 2P
220/250 Watts Flex ATX Switching Power Supply
SPI250EP SPI-SPI250EP Datasheet
42Kb / 1P
250 Watts ATX12V Switching Power Supply
R-SPI250EP SPI-R-SPI250EP Datasheet
322Kb / 1P
250 Watts ATX12V Switching Power Supply
SPI250F4BB SPI-SPI250F4BB Datasheet
76Kb / 1P
250 Watts FLEX ATX Power Supply
FSP250-60GHC SPI-FSP250-60GHC Datasheet
256Kb / 1P
250 Watts ATX12V Switching Power Supply
FSP150-50LH SPI-FSP150-50LH Datasheet
35Kb / 1P
180 Watts Flex ATX Switching Power Supply
FSP220-50LH SPI-FSP220-50LH Datasheet
35Kb / 1P
220 Watts Flex ATX Switching Power Supply
FSP220-60MPC SPI-FSP220-60MPC Datasheet
470Kb / 1P
220 Watts FLEX ATX Medical Grade Power Supply
FSP250-60MPC SPI-FSP250-60MPC Datasheet
417Kb / 1P
250 Watts FLEX ATX Medical Grade Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com