Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPI270LE Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI270LE
Description  270 Watts FLEX ATX Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI270LE Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI270LE Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 264Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: Max 5A @ 115Vac, 3A @ 230Vac
Inrush Current: No damage.
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
storage & shipping: -20°C ~ +80°C
Humidity: 5~90% on operating,5~ 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for
1 second
Efficiency: 80% minimum
Rise time: Less than 20ms
Hold-up Time: 17ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA at 264Vac, 50Hz
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 150x81.5x40.5mm /6x3.2x1.6inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.5A
8A
16A
± 5%
50mV P-P
+5V
0.5A
9A
18A
± 5%
50mV P-P
+12V1
1.0A
8A
16A
± 5%
120mV P-P
+12V2
1.0A
5A
10A
± 5%
100mV P-P
-12V
0.0A
0.4A
0.8A
± 10%
120mV P-P
+5Vsb
0.0A
1.25A
2.5A
± 5%
50mV P-P
* +12V1 and +12V2 total output shall not exceed 18 A.
* +3.3V and +5V total output not exceed 130W
* Total output for this subject power supply is 270W
SPI270LE
(80 PLUS, RoHS Compliant)
270 Watts FLEX ATX Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Features
Complied with Flex ATX and ATX12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by CUL/UL60950-1, TUV EN60950-1, NEMKO
EN60950-1 (CB Report) CE ,BSMI ,FCC
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
 


Similar Part No. - SPI270LE

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI270LE2 SPI-SPI270LE2 Datasheet
40Kb / 1P
270 Watts FLEX ATX Power Supply
SPI270LE5 SPI-SPI270LE5 Datasheet
36Kb / 1P
270 Watts FLEX ATX Power Supply
More results

Similar Description - SPI270LE

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP150-50PL SPI-FSP150-50PL Datasheet
70Kb / 1P
150 Watts Flex ATX Switching Power Supply
SPI270LE2 SPI-SPI270LE2 Datasheet
40Kb / 1P
270 Watts FLEX ATX Power Supply
SPI270LE5 SPI-SPI270LE5 Datasheet
36Kb / 1P
270 Watts FLEX ATX Power Supply
SPI250F4BB SPI-SPI250F4BB Datasheet
76Kb / 1P
250 Watts FLEX ATX Power Supply
SPI300F4BB SPI-SPI300F4BB Datasheet
77Kb / 1P
300 Watts FLEX ATX Power Supply
SPI150F4BN SPI-SPI150F4BN Datasheet
58Kb / 1P
150 Watts FLEX ATX Power Supply
FSP100-50LG SPI-FSP100-50LG Datasheet
37Kb / 1P
100 Watts Flex ATX Switching Power Supply
FSP150-50LH SPI-FSP150-50LH Datasheet
35Kb / 1P
180 Watts Flex ATX Switching Power Supply
FSP200-50LG SPI-FSP200-50LG Datasheet
37Kb / 1P
200 Watts Flex ATX Switching Power Supply
FSP220-50LH SPI-FSP220-50LH Datasheet
35Kb / 1P
220 Watts Flex ATX Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com