Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPI600GLN Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI600GLN
Description  600 Watts EPS12V & ATX12V Switching Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI600GLN Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI600GLN Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Input Characteristics
Input Range: 90 ~ 265Vac, Full Range Input
Frequency: 47 ~ 63Hz
Input Current: 7A @115Vac, 3.5A @230Vac
Inrush Current: No damage, typical 100A at cold start
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Line Reg.
Ripple & Noise
+3.3V
0.8A
18A
36A
± 5%
± 1%
50mV P-P
+5V
0.5A
15A
30A
± 5%
± 1%
50mV P-P
+12V1
0.0A
9A
18A
± 5%
± 1%
120mV P-P
+12V2
0.0A
9A
18A
± 5%
± 1%
120mV P
+12V3
0.9A
9A
18A
± 5%
± 1%
120mV P
+12V4
0.1A
9A
18A
± 5%
± 1%
120mV P
-12V
0.0A
0.25A
0.5A
± 10%
± 1%
120mV P
+5Vsb
0.0A
1.5A
3.0A
± 5%
± 1%
50mV P-P
* +3.3V and +5V total output not exceed 155W
* Total output for this power supply is 600W
SPI600GLN
(80PLUS, RoHS Compliant)
600 Watts EPS12V & ATX12V Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Features
• Complied with ATX 12 V and EPS12V standard
• Active Power Factor Correction (PFC) meet EN61000-3-2
• High efficiency and reliability
• Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
• Remote ON/OFF function
• Internal 12V DC fan included
• Noise Killer (thermal fan speed control function)
• Low noise and ripple
• Output over voltage, short circuit, and over current protection
• 100% Hi-pot, ATE, and burn-in tested
• Re-settable power shut down
• Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
• Approved by CUL/UL, NEMKO EN60950-1 (CB Report),
CE,FCC,EMC ,CSA,VDE
Specification
• Temperature Range: Operating: 0° ~ 50°C on full load, de-rate
4W/°C from 25° ~ 50°C; storage & shipping: -20° ~ +80°C
• Humidity: 5 ~ 95% on operating and storage
• Dielectric Withstand: Primary to Frame Ground 1800 VAC for
1sec
• Efficiency: typical up to 83.75%
• Rise time: Less than 20ms
• Hold-up Time: 17ms minimum at nominal input voltage
• Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
• Leakage Current: Less than 3.5mA
• MTBF: 100,000 hours on maximum load at +25°C
• Dimensions (LxWxH): 140x150x86mm / 5.5x5.9x3.4in
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: http://www.sparklepower.com/
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395


Similar Part No. - SPI600GLN

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI600GHN SPI-SPI600GHN Datasheet
547Kb / 1P
Complied with ATX12V and EPS12V standard
More results

Similar Description - SPI600GLN

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP400-70MP SPI-FSP400-70MP Datasheet
416Kb / 2P
400 Watts ATX12V,EPS12V Switching Power Supply
FSP600-80GLC SPI-FSP600-80GLC Datasheet
468Kb / 2P
600 Watts EPS12V & ATX12V Switching Power Supply
R-SPI600GHN SPI-R-SPI600GHN Datasheet
547Kb / 1P
600 Watts EPS12V & ATX12V Switching Power Supply
SPI600ACH5B SPI-SPI600ACH5B Datasheet
227Kb / 1P
600 Watts EPS12V & ATX12V Switching Power Supply
SPI600U4BB SPI-SPI600U4BB Datasheet
47Kb / 1P
600 Watts ATX12V/EPS12V, 1U Switching Power Supply
SPI600W7BB SPI-SPI600W7BB Datasheet
48Kb / 1P
600 Watts ATX12V/EPS12V, 2U Switching Power Supply
FSP600-80ETN SPI-FSP600-80ETN Datasheet
1Mb / 1P
600 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
FSP600-801UK SPI-FSP600-801UK Datasheet
103Kb / 1P
600 Watts ATX12V/EPS12V,1U Switching Power Supply
R-FSP600-80ETN SPI-R-FSP600-80ETN Datasheet
2Mb / 1P
600 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
SPI600ACHBB SPI-SPI600ACHBB Datasheet
228Kb / 1P
600 Watts EPS12V & ATX12V Switching Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com