Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOR283R3S/883 Datasheet(PDF) 12 Page - Crane Aerospace & Electronics.

Part # MOR283R3S/883
Description  MOR Single and Dual DC/DC Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MOR283R3S/883 Datasheet(HTML) 12 Page - Crane Aerospace & Electronics.

Back Button MOR283R3S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics. MOR283R3S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MOR283R3S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MOR283R3S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MOR283R3S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. MOR283R3S/883 Datasheet HTML 13Page - Crane Aerospace & Electronics. MOR283R3S/883 Datasheet HTML 14Page - Crane Aerospace & Electronics. MOR283R3S/883 Datasheet HTML 15Page - Crane Aerospace & Electronics. MOR283R3S/883 Datasheet HTML 16Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MOR Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 12 of 21
Rev G - 20060418
www.craneae.com
28 VOLT INPUT – 120 WATT
FIGURE 35
FIGURE 36
FIGURE 37
FIGURE 32
FIGURE 33
FIGURE 34
MOR2805S Step Load Response
100 μs/div
MOR2805S Step Line Response
1 ms/div
MOR2805S Turn On Response
2.5 ms/div
Vout
Vin
Vin
Vout
MOR2805S Inhibit Release Inrush Current
5 ms/div
50 - 100%
Step Load
Vout
Vin
Iin
Vout
MOR2815S Output Ripple (Vout)
1 μs/div
MOR2815S Input Ripple (Iin)
10 μs/div
18 to 40 V, 40 to 18 V
All combinations of line and load
With and without 470 μF cap. load
100 -50%
Step Load
FIGURE 38
FIGURE 39
FIGURE 40
MOR2815S Step Load Response
100 -50%
Step Load
100 μs/div
50 - 100%
Step Load
MOR2815S Step Line Response
50 μs/div
Vout
Vin
Vout
Vin
MOR2815S Turn On Response
2.5 ms/div
Vin
Vout
18 to 40 V, 40 to 18 V, 50% load
All combinations of line and load
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, 20 MHz BW, free run, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com