Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT139M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT139M
Description  Dual 2-to-4-Line Decoder/Demultiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT139M Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT139M Datasheet HTML 1Page - Texas Instruments CD74ACT139M Datasheet HTML 2Page - Texas Instruments CD74ACT139M Datasheet HTML 3Page - Texas Instruments CD74ACT139M Datasheet HTML 4Page - Texas Instruments CD74ACT139M Datasheet HTML 5Page - Texas Instruments CD74ACT139M Datasheet HTML 6Page - Texas Instruments CD74ACT139M Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS235
Features
• Buffered Inputs
• Typical Propagation Delay
- 5.4ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The CD74AC139 and CD74ACT139 are dual 2-to-4-line
decoders/demultiplexers that utilize the Harris Advanced
CMOS Logic technology. These devices contain two inde-
pendent binary to one-of-four decoders, each with a single
active LOW enable input (1E or 2E). Data on the select
inputs (1A0 and 1A1 or 2A0 and 2A1) cause one of the four
normally HIGH outputs to go LOW.
If the enable input is HIGH, all four outputs remain HIGH. For
demultiplexer operation, the enable input is the data input.
The enable input also functions as a chip select when these
devices are cascaded.
Pinout
CD74AC139, CD74ACT139
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74AC139E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
E16.3
CD74ACT139E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
E16.3
CD74AC139M96
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
M16.15
CD74ACT139M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
M16.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local sales office or Harris
customer service for ordering information.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1E
1A0
1A1
1Y0
1Y1
1Y2
GND
1Y3
VCC
2A0
2A1
2Y0
2Y1
2Y2
2Y3
2E
September 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1998
CD74AC139,
CD74ACT139
Dual 2-to-4-Line Decoder/Demultiplexer
File Number
1953.1
[ /Title
(CD74
AC139
,
CD74
ACT13
9)
/Sub-
ject
(Dual
2-to-4-
Line
Decod
er/Dem
ulti-
plexer)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced
CMOS
)
/Cre-
ator ()
/DOCI
NFO


Similar Part No. - CD74ACT139M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT139M TI-CD74ACT139M Datasheet
318Kb / 10P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139M TI-CD74ACT139M Datasheet
869Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139M TI2-CD74ACT139M Datasheet
409Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
MARCH 2003
CD74ACT139M96 TI-CD74ACT139M96 Datasheet
318Kb / 10P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
CD74ACT139M96 TI-CD74ACT139M96 Datasheet
869Kb / 14P
DUAL 2-LINE TO 4-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - CD74ACT139M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
Dual 2-to-4 line decoder/demultiplexer
September 1993
logo
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
logo
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
Dual 2-to-4 line decoder/demultiplexer
74HC139-Q100 NEXPERIA-74HC139-Q100 Datasheet
762Kb / 18P
Dual 2-to-4 line decoder/demultiplexer
74LVC139 NEXPERIA-74LVC139 Datasheet
252Kb / 14P
Dual 2-to-4 line decoder/demultiplexer
Rev. 6 - 24 September 2021
74HCT139-Q100 NEXPERIA-74HCT139-Q100 Datasheet
242Kb / 13P
Dual 2-to-4 line decoder/demultiplexer
Rev. 2 - 14 January 2021
74HCT139 NEXPERIA-74HCT139 Datasheet
243Kb / 13P
Dual 2-to-4 line decoder/demultiplexer
Rev. 5 - 14 January 2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com