Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC20 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC20
Description  Dual 4-Input NAND Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC20 Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC20 Datasheet HTML 1Page - Texas Instruments CD74AC20 Datasheet HTML 2Page - Texas Instruments CD74AC20 Datasheet HTML 3Page - Texas Instruments CD74AC20 Datasheet HTML 4Page - Texas Instruments CD74AC20 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS229A
Features
• Typical Propagation Delay
- 6ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The CD74AC20 and ’ACT20 are dual 4-input NAND gates that
utilize Advanced CMOS Logic technology.
Pinout
CD54ACT20
(CERDIP)
CD74AC20, CD74ACT20
(PDIP, SOIC)
TOP VIEW
Functional Diagram
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD74AC20E
-55 to 125
14 Ld PDIP
CD74AC20M
-55 to 125
14 Ld SOIC
CD54ACT20F3A
-55 to 125
14 Ld CERDIP
CD74ACT20E
-55 to 125
14 Ld PDIP
CD74ACT20M
-55 to 125
14 Ld SOIC
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local TI sales office or cus-
tomer service for ordering information.
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TRUTH TABLE
INPUTS
OUTPUTS
nA
nB
nC
nD
nY
L
XXX
H
XLX
X
H
XX
L
X
H
XXX
L
H
HHHH
L
X = Don’t Care
1A
1C
2A
2B
2D
1
4
5
9
12
13
6
2Y
1Y
8
1D
GND = 7
VCC = 14
NC = 3, 11
2C
1B
2
10
September 1998 - Revised May 2000
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© 2000, Texas Instruments Incorporated
CD74AC20,
CD54/74ACT20
Dual 4-Input NAND Gate
[ /Title
(CD74
AC20,
CD74
ACT20
)
/Sub-
ject
(Dual
4-Input
NAND
Gate)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced
CMOS
, Harris
Semi-
con-
ductor,
Advan
ced
TTL)
/Cre-
ator ()


Similar Part No. - CD74AC20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC20 TI1-CD74AC20 Datasheet
602Kb / 13P
Dual 4-input positive-nand gates
CD74AC20 TI2-CD74AC20 Datasheet
478Kb / 15P
DUAL 4-INPUT POSITIVE-NAND GATES
REVISED NOVEMBER 2002
CD74AC20-MIL TI1-CD74AC20-MIL Datasheet
602Kb / 13P
Dual 4-input positive-nand gates
CD74AC20E TI1-CD74AC20E Datasheet
602Kb / 13P
Dual 4-input positive-nand gates
CD74AC20E TI2-CD74AC20E Datasheet
478Kb / 15P
DUAL 4-INPUT POSITIVE-NAND GATES
REVISED NOVEMBER 2002
More results

Similar Description - CD74AC20

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS22 MOTOROLA-SN54LS22 Datasheet
121Kb / 4P
DUAL 4-INPUT NAND GATE
logo
NXP Semiconductors
74ALS20A PHILIPS-74ALS20A Datasheet
85Kb / 7P
Dual 4-Input NAND gate
1996 Jul 01
74F20 PHILIPS-74F20 Datasheet
68Kb / 8P
Dual 4-input NAND gate
1989 Mar 03
74HC20 PHILIPS-74HC20 Datasheet
34Kb / 6P
Dual 4-input NAND gate
December 1990
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
DUAL 4-INPUT NAND GATE
Jun-1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
DUAL 4-INPUT NAND GATE
Jul-2001
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20 Datasheet
81Kb / 7P
Dual 4-Input NAND Gate
DM74LS20 FAIRCHILD-DM74LS20 Datasheet
45Kb / 4P
Dual 4-Input NAND Gate
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
Dual 4-Input NAND Gate
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com