Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC153 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74AC153
Description  Dual 4-Input Multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC153 Datasheet(HTML) 1 Page - Texas Instruments

  74AC153 Datasheet HTML 1Page - Texas Instruments 74AC153 Datasheet HTML 2Page - Texas Instruments 74AC153 Datasheet HTML 3Page - Texas Instruments 74AC153 Datasheet HTML 4Page - Texas Instruments 74AC153 Datasheet HTML 5Page - Texas Instruments 74AC153 Datasheet HTML 6Page - Texas Instruments 74AC153 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS237
Features
• Buffered Inputs
• Typical Propagation Delay
- 6.3ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The CD74AC153 and CD74ACT153 are dual 4-input multi-
plexers that utilize the Harris Advanced CMOS Logic tech-
nology. One of the four sources for each section is selected
by the common Select inputs, S0 and S1. When the Enable
inputs (1E, 2E) are HIGH, the outputs are in the low state.
Pinout
CD74AC153, CD74ACT153
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74AC153E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
E16.3
CD74ACT153E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
E16.3
CD74AC153M96
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
M16.15
CD74ACT153M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
M16.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local sales office or Harris
customer service for ordering information.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1E
S1
1I3
1I2
1I1
1I0
GND
1Y
VCC
S0
2I3
2I2
2I1
2I0
2Y
2E
September 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1998
CD74AC153,
CD74ACT153
Dual 4-Input Multiplexer
File Number
1966.1
[ /Title
(CD74
AC153
,
CD74
ACT15
3)
/Sub-
ject
(Dual
4-Input
Multi-
plexer)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced
CMOS
)
/Cre-
ator ()
/DOCI
NFO
pdf-
mark


Similar Part No. - 74AC153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74AC153 ONSEMI-74AC153 Datasheet
180Kb / 12P
Dual 4?묲nput Multiplexer
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
Dual 4-Input Multiplexer
logo
Hitachi Semiconductor
74AC153 HITACHI-74AC153 Datasheet
59Kb / 10P
Dual 4-Input Multiplexer
logo
Fairchild Semiconductor
74AC153MTC FAIRCHILD-74AC153MTC Datasheet
98Kb / 9P
Dual 4-Input Multiplexer
74AC153PC FAIRCHILD-74AC153PC Datasheet
98Kb / 9P
Dual 4-Input Multiplexer
More results

Similar Description - 74AC153

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
Dual 4-Input Multiplexer
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
Dual 4-input multiplexer
1991 Feb 08
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
Dual 4-Input Multiplexer
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
Dual 4-Input Multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
DUAL 4-INPUT MULTIPLEXER
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
Dual 4-input multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com