Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT175 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74ACT175
Description  Quad D Flip-Flop with Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT175 Datasheet(HTML) 6 Page - Texas Instruments

  74ACT175 Datasheet HTML 1Page - Texas Instruments 74ACT175 Datasheet HTML 2Page - Texas Instruments 74ACT175 Datasheet HTML 3Page - Texas Instruments 74ACT175 Datasheet HTML 4Page - Texas Instruments 74ACT175 Datasheet HTML 5Page - Texas Instruments 74ACT175 Datasheet HTML 6Page - Texas Instruments 74ACT175 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Propagation Delay, MR to Q, QtPLH, tPHL
1.5
-
-
139
-
-
153
ns
3.3
4.4
-
15.5
4.3
-
17.1
ns
5
3.2
-
11.1
3.1
-
12.2
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 13)
-
-
55
-
-
55
-
pF
ACT TYPES
Propagation Delay, CP to Qn
tPLH, tPHL
5
(Note 12)
3
-
10.5
2.9
-
11.5
ns
Propagation Delay, MR to Qn
tPLH, tPHL
5
3.3
-
11.8
3.3
-
13
ns
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 13)
-
-
55
-
-
55
-
pF
NOTES:
22. Limits tested 100%.
23. 3.3V Min is at 3.6V, Max is at 3V.
24. 5V Min is at 5.5V, Max is at 4.5V.
25. CPD is used to determine the dynamic power consumption per flip-flop.
PD =CPD VCC
2 f
i + Σ (CL +VCC2fo)+VCC ∆ICC where fi = input frequency, fo = output frequency, CL = output load capacitance, VCC =
supply voltage.
FIGURE 5. PROPAGATION DELAYS
FIGURE 6. RESET OR SET PREREQUISITE AND
PROPAGATION DELAYS
FIGURE 7.
FIGURE 8. PROPAGATION DELAY TIMES
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT LEVEL
CP
GND
VS
tW
tPHL
tPLH
VS
VS
VS
VS
INPUT LEVEL
GND
INPUT
CP
MR
VS
tW
tREM
tPHL
Q
VS
VS
VS
Q
INPUT LEVEL
GND
D
CP
VS
tSU(L)
tH(L)
tH(H)
tSU(H)
VS
VS
VS
VS
VS
INPUT LEVEL
GND
DUT
OUTPUT
RL (NOTE)
OUTPUT
LOAD
500
Ω
CL
50pF
NOTE: For AC Series Only: When VCC = 1.5V, RL = 1kΩ.
CD74AC
CD74ACT
Input Level
VCC
3V
Input Switching Voltage, VS
0.5 VCC
1.5V
Output Switching Voltage, VS
0.5 VCC
0.5 VCC
CD74AC175, CD74ACT175



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com