Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC86 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC86
Description  Quad 2-Input Exclusive-OR Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC86 Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC86 Datasheet HTML 1Page - Texas Instruments CD74AC86 Datasheet HTML 2Page - Texas Instruments CD74AC86 Datasheet HTML 3Page - Texas Instruments CD74AC86 Datasheet HTML 4Page - Texas Instruments CD74AC86 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS232A
Features
• Buffered Inputs
• Typical Propagation Delay
- 3.2ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
•
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Description
The CD74AC86 and ’ACT86 are quad 2-input Exclusive-OR
gates that utilize Advanced CMOS Logic technology
Pinout
CD54ACT86
(CERDIP)
CD74AC86, CD74ACT86
(PDIP, SOIC)
TOP VIEW
Functional Diagram
Ordering Information
PART
NUMBER
TEMP. RANGE (oC)
PACKAGE
CD74AC86E
0 to 70oC, -40 to 85,
-55 to 125
14 Ld PDIP
CD74AC86M
0 to 70oC, -40 to 85,
-55 to 125
14 Ld SOIC
CD54ACT86F3A
-55 to 125
14 Ld CERDIP
CD74ACT86E
0 to 70oC, -40 to 85,
-55 to 125
14 Ld PDIP
CD74ACT86M
0 to 70oC, -40 to 85,
-55 to 125
14 Ld SOIC
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all
electrical specifications. Please contact your local TI sales office or
customer service for ordering information.
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TRUTH TABLE
INPUTS
OUTPUT
nA
nB
nY
LLL
HH
L
HLH
LH
H
1A
1B
2A
2B
2Y
GND
1
2
3
4
5
6
14
13
12
11
VCC
4Y
3Y
3B
4A
4B
10
8
7
9
3A
1Y
September 1998 - Revised May 2000
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© 2000, Texas Instruments Incorporated
CD74AC86,
CD54/74ACT86
Quad 2-Input Exclusive-OR Gate
[ /Title
(CD74
AC86,
CD74
ACT86
)
/Sub-
ject
(Quad
2-Input
Exclu-
sive-
OR
Gate)
/Autho
r ()
/Key-
words
(Har-
ris
Semi-
con-
ductor,
Advan
ced
CMOS
, Harris
Semi-
con-
ductor,
Advan
ced
TTL)
/Cre-
ator ()
/DOCI
NFO
pdf-


Similar Part No. - CD74AC86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC86 TI1-CD74AC86 Datasheet
819Kb / 13P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74AC86 TI2-CD74AC86 Datasheet
475Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
JANUARY 2003
CD74AC86-MIL TI1-CD74AC86-MIL Datasheet
819Kb / 13P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74AC86E TI1-CD74AC86E Datasheet
819Kb / 13P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
CD74AC86E TI2-CD74AC86E Datasheet
475Kb / 14P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATE
JANUARY 2003
More results

Similar Description - CD74AC86

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS386 MOTOROLA-SN54LS386 Datasheet
120Kb / 4P
QUAD 2-INPUT EXCLUSIVE-OR GATE
logo
National Semiconductor ...
54AC86 NSC-54AC86 Datasheet
112Kb / 6P
Quad 2-Input Exclusive-OR Gate
logo
NXP Semiconductors
74HC86 PHILIPS-74HC86 Datasheet
34Kb / 6P
Quad 2-input EXCLUSIVE-OR gate
December 1990
logo
Fairchild Semiconductor
CD4070BC FAIRCHILD-CD4070BC Datasheet
53Kb / 5P
Quad 2-Input EXCLUSIVE-OR Gate
DM74LS86 FAIRCHILD-DM74LS86 Datasheet
61Kb / 5P
Quad 2-Input Exclusive-OR Gate
MM74HC86 FAIRCHILD-MM74HC86 Datasheet
81Kb / 7P
Quad 2-Input Exclusive OR Gate
logo
NXP Semiconductors
74LV86 NXP-74LV86 Datasheet
96Kb / 15P
Quad 2-input exclusive-OR gate
Rev. 03-27 November 2007
logo
Fairchild Semiconductor
74AC86PC FAIRCHILD-74AC86PC Datasheet
98Kb / 7P
Quad 2-Input Exclusive-OR Gate
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A_15 Datasheet
200Kb / 6P
QUAD 2-INPUT EXCLUSIVE OR GATE
logo
Nexperia B.V. All right...
74HCT86-Q100 NEXPERIA-74HCT86-Q100 Datasheet
226Kb / 12P
Quad 2-input EXCLUSIVE-OR gate
Rev. 3 - 10 March 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com