Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT273 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74FCT273
Description  BiCMOS FCT Interface Logic, Octal D Flip-Flop with Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT273 Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT273 Datasheet HTML 1Page - Texas Instruments CD74FCT273 Datasheet HTML 2Page - Texas Instruments CD74FCT273 Datasheet HTML 3Page - Texas Instruments CD74FCT273 Datasheet HTML 4Page - Texas Instruments CD74FCT273 Datasheet HTML 5Page - Texas Instruments CD74FCT273 Datasheet HTML 6Page - Texas Instruments CD74FCT273 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS254
Features
• Buffered Inputs
• Typical Propagation Delay: 5.3ns at VCC = 5V,
TA = 25
oC, C
L = 50pF
• SCR Latchup Resistant BiCMOS Process and
Circuit Design
• Speed of Bipolar FAST™/AS/S
• 48mA Output Sink Current
• Output Voltage Swing Limited to 3.7V at VCC = 5V
• Controlled Output Edge Rates
• Input/Output Isolation to VCC
• BiCMOS Technology with Low Quiescent Power
Pinout
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74FCT273E
0 to 70
20 Ld PDIP
E20.3
CD74FCT273M
0 to 70
20 Ld SOIC
M20.3
NOTE: When ordering the suffix M package, use the entire part
number. Add the suffix 96 to obtain the variant in the tape and reel.
CD74FCT273
(PDIP, SOIC)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
MR
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q5
D5
D4
Q4
CP
Q7
January 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1997
CD74FCT273
BiCMOS FCT Interface Logic,
Octal D Flip-Flop with Reset
NOT RECOMMENDED
FOR NEW
DESIGNS
Use CMOS
Technology
File Number
2303.2


Similar Part No. - CD74FCT273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT273 TI2-CD74FCT273 Datasheet
576Kb / 12P
BiCMOS OCTAL D-TYPE FLIP-FLOP WITH RESET
REVISED JULY 2000
CD74FCT273E TI2-CD74FCT273E Datasheet
576Kb / 12P
BiCMOS OCTAL D-TYPE FLIP-FLOP WITH RESET
REVISED JULY 2000
CD74FCT273E.A TI2-CD74FCT273E.A Datasheet
576Kb / 12P
BiCMOS OCTAL D-TYPE FLIP-FLOP WITH RESET
REVISED JULY 2000
CD74FCT273M TI2-CD74FCT273M Datasheet
576Kb / 12P
BiCMOS OCTAL D-TYPE FLIP-FLOP WITH RESET
REVISED JULY 2000
More results

Similar Description - CD74FCT273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC273 TI-CD54AC273 Datasheet
301Kb / 15P
Octal D Flip-Flop with Reset
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT374 TI-CD74FCT374 Datasheet
34Kb / 8P
BiCMOS FCT Interface Logic, Octal D-Type Flip-Flop, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT564 TI-CD74FCT564 Datasheet
29Kb / 5P
BiCMOS FCT Interface Logic, Octal D-Type Flip-Flops, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD54HC273 TI-CD54HC273 Datasheet
295Kb / 7P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
logo
Harris Corporation
CD54AC273 HARRIS-CD54AC273 Datasheet
10Kb / 1P
Octal D Flip-Flop with Reset
logo
Texas Instruments
CD54AC273 TI-CD54AC273_07 Datasheet
455Kb / 17P
Octal D Flip-Flop with Reset
CD54AC273 TI-CD54AC273_08 Datasheet
485Kb / 17P
Octal D Flip-Flop with Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com