Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT541 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74FCT541
Description  BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT541 Datasheet(HTML) 4 Page - Texas Instruments

  CD74FCT541 Datasheet HTML 1Page - Texas Instruments CD74FCT541 Datasheet HTML 2Page - Texas Instruments CD74FCT541 Datasheet HTML 3Page - Texas Instruments CD74FCT541 Datasheet HTML 4Page - Texas Instruments CD74FCT541 Datasheet HTML 5Page - Texas Instruments CD74FCT541 Datasheet HTML 6Page - Texas Instruments CD74FCT541 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
8-4
Switching Specifications Over Operating Range FCT Series tr, tf = 2.5ns, CL = 50pF, RL (Figure 3) (Note 6)
PARAMETER
SYMBOL
VCC (V)
25oC0oC TO 70oC
UNITS
TYP
MIN
MAX
Propagation Delays
(Note 6)
Data to Outputs
CD74FCT540
tPLH, tPHL
5
6.4
2
8.5
ns
CD74FCT541
tPLH, tPHL
5628
ns
Output Disable to Output
tPLZ, tPHZ
5
7.1
2
9.5
ns
Output Enable to Output
tPZL, tPZH
5
7.5
2
10
ns
Power Dissipation Capacitance
CPD
(Note 7)
CD74FCT540
-
37
-
-
pF
CD74FCT541
-
40
-
-
pF
Minimum (Valley) VOHV During Switching of
Other Outputs (Output Under Test Not Switching)
VOHV
5
0.5
-
-
V
Maximum (Peak) VOLP During Switching of
Other Outputs (Output Under Test Not Switching)
VOLP
51
-
-
V
Input Capacitance
CI
---
10
pF
Three-State Output Capacitance
CO
---
15
pF
NOTES:
6. 5V: Min is at 5.25V for 0oC to 70oC, Max is at 4.75V for 0oC to 70oC, Typ is at 5V.
7. CPD, measured per flip-flop, is used to determine the dynamic power consumption.
PD (per package) = VCC ICC + Σ(VCC
2 f
I CPD + VO
2 f
O CL + VCC ∆ICC D) where:
VCC = supply voltage
∆ICC = flow through current x unit load
CL = output load capacitance
D = duty cycle of input high
fO = output frequency
fI = input frequency
CD74FCT540, CD74FCT541



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com