Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT564 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT564
Description  BiCMOS FCT Interface Logic, Octal D-Type Flip-Flops, Three-State
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT564 Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT564 Datasheet HTML 1Page - Texas Instruments CD74FCT564 Datasheet HTML 2Page - Texas Instruments CD74FCT564 Datasheet HTML 3Page - Texas Instruments CD74FCT564 Datasheet HTML 4Page - Texas Instruments CD74FCT564 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8-1
Data sheet acquired from Harris Semiconductor
SCHS259
Features
• Buffered Inputs
• Typical Propagation Delay: 5.6ns at VCC = 5V,
TA = 25
oC
• Positive Edge Triggered
• CD74FCT564
- Inverting
• CD74FCT574
- Noninverting
• SCR Latchup Resistant BiCMOS Process and
Circuit Design
• Speed of Bipolar FAST™/AS/S
• 48mA Output Sink Current
• Output Voltage Swing Limited to 3.7V at VCC = 5V
• Controlled Output Edge Rates
• Input/Output Isolation to VCC
• BiCMOS Technology with Low Quiescent Power
Description
The CD74FCT564 and CD74FCT574 are octal D-Type,
three-state, positive edge triggered flip-flops which use a
small geometry BiCMOS technology. The output stage is a
combination of bipolar and CMOS transistors that limits the
output HIGH level to two diode drops below VCC. This result-
ant lowering of output swing (0V to 3.7V) reduces power bus
ringing (a source of EMI) and minimizes VCC bounce and
ground bounce and their effects during simultaneous output
switching. The output configuration also enhances switching
speed and is capable of sinking 48 milliamperes.
The eight flip-flops enter data into their registers on the LOW
to HIGH transition of the clock (CP). The Output Enable (OE)
controls the three state outputs and is independent of the
register operation. When the Output Enable (OE) is HIGH,
the
outputs
are
in
the
high
impedance
state.
The
CD74FCT564 and CD74FCT574 share the same configura-
tions; the CD74FCT564, however, has inverted outputs and
the CD74FCT574 has noninverted outputs.
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74FCT564E
0 to 70
20 Ld PDIP
E20.3
CD74FCT574E
0 to 70
20 Ld PDIP
E20.3
CD74FCT564M
0 to 70
20 Ld SOIC
M20.3
CD74FCT574M
0 to 70
20 Ld SOIC
M20.3
CD74FCT574SM
0 to 70
20 Ld SSOP
M20.209
NOTE: When ordering the suffix M and SM packages, use the entire
part number. Add the suffix 96 to obtain the variant in the tape and reel.
CD74FCT564
(PDIP, SOIC, SSOP)
TOP VIEW
CD74FCT574
(PDIP, SOIC, SSOP)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE
D0
D1
D2
D3
D4
D6
D5
D7
GND
VCC
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CP
Q0
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
OE
D0
D1
D2
D3
D4
D6
D5
D7
GND
VCC
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CP
Q0
January 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1997
CD74FCT564,
CD74FCT574
BiCMOS FCT Interface Logic,
Octal D-Type Flip-Flops, Three-State
File Number
2295.2
NOT RECOMMENDED
FOR NEW
DESIGNS
Use CMOS
Technology


Similar Part No. - CD74FCT564

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT533 TI-CD74FCT533 Datasheet
16Kb / 2P
FCT Interface Logic Octal Transparent Latch, Three-State
CD74FCT533E TI-CD74FCT533E Datasheet
16Kb / 2P
FCT Interface Logic Octal Transparent Latch, Three-State
CD74FCT533M TI-CD74FCT533M Datasheet
16Kb / 2P
FCT Interface Logic Octal Transparent Latch, Three-State
CD74FCT533SM TI-CD74FCT533SM Datasheet
16Kb / 2P
FCT Interface Logic Octal Transparent Latch, Three-State
CD74FCT540 TI-CD74FCT540 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
More results

Similar Description - CD74FCT564

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT273 TI-CD74FCT273 Datasheet
46Kb / 7P
BiCMOS FCT Interface Logic, Octal D Flip-Flop with Reset
CD74FCT374 TI-CD74FCT374 Datasheet
34Kb / 8P
BiCMOS FCT Interface Logic, Octal D-Type Flip-Flop, Three-State
CD74FCT540 TI-CD74FCT540 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD74FCT646 TI-CD74FCT646 Datasheet
54Kb / 8P
BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
CD74FCT821A TI-CD74FCT821A Datasheet
40Kb / 7P
BiCMOS FCT Interface Logic, 10- Bit D-Type Flip-Flops, Three-State
CD74FCT823A TI-CD74FCT823A Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, 9-Bit D-Type Flip-Flops, Three-State
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com