Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT574M Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74FCT574M
Description  BiCMOS FCT Interface Logic, Octal D-Type Flip-Flops, Three-State
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT574M Datasheet(HTML) 4 Page - Texas Instruments

  CD74FCT574M Datasheet HTML 1Page - Texas Instruments CD74FCT574M Datasheet HTML 2Page - Texas Instruments CD74FCT574M Datasheet HTML 3Page - Texas Instruments CD74FCT574M Datasheet HTML 4Page - Texas Instruments CD74FCT574M Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8-4
Switching Specifications Over Operating Range tr, tf = 2.5ns, CL = 50pF, RL - See Figure 4
PARAMETER
SYMBOL
VCC (V)
AMBIENT TEMPERATURE (TA)
UNITS
25oC0oC TO 70oC
TYP
MIN
MAX
Propagation Delays
Clock to Q
CD74FCT574
tPLH, tPHL
5
6.6
2
10
ns
Clock to Q
CD74FCT564
tPLH, tPHL
5
6.6
1.5
10
ns
Output Disable to Q
CD74FCT574
tPLZ, tPHZ
5
6
1.5
8
ns
Output Enable to Q
CD74FCT574
tPZL, tPZH
5
9
1.5
12.5
ns
Output Disable to Q
CD74FCT564
tPLZ, tPHZ
5
6
1.5
8
ns
Output Enable to Q
CD74FCT564
tPZL, tPZH
5
9
1.5
12.5
ns
Power Dissipation Capacitance
CPD
(Note 6)
-
34 Typical
pF
Minimum (Valley) VOHV During Switching of
Other Outputs (Output Under Test Not Switching)
VOHV
(Figure 1)
5
0.5
-
-
V
Maximum (Peak) VOLP During Switching of
Other Outputs (Output Under Test Not Switching)
VOLP
(Figure 1)
51
-
-
V
Input Capacitance
CI
---
10
pF
Three State Output Capacitance
CO
---
15
pF
NOTE:
6. CPD, measured per flip-flop, is used to determine the dynamic power consumption.
PD (per package) = VCC ICC + Σ(VCC
2 f
I CPD + VO
2 to C
L + VCC ∆ICC D) where:
VCC = supply voltage
∆ICC = flow through current x unit load
CL = output load capacitance
D = duty cycle of input high
fO = output frequency
fI = input frequency
Prerequisite For Switching
PARAMETER
SYMBOL
VCC (V)
AMBIENT TEMPERATURE (TA)
UNITS
25oC0oC TO 70oC
TYP
MIN
MAX
Clock Pulse Width
CD74FCT574
tW
5 (Note 7)
7
-
ns
CD74FCT564
tW
57
-
ns
Setup Time Data to Clock
tSU
52
-
ns
Data to Clock Hold Time
CD74FCT574
tH
52
-
ns
CD74FCT564
tH
52
-
ns
Maximum Clock Frequency
fMAX
5
70
-
MHz
NOTE:
7. 5V: minimum is at 4.5V.
5V: minimum is at 4.75V for 0oC to 70oC.
Typical is at 5V.
CD74FCT564, CD74FCT574



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com