Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC257 Datasheet(PDF) 1 Page - Texas Instruments

Part # 74HC257
Description  High Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74HC257 Datasheet(HTML) 1 Page - Texas Instruments

  74HC257 Datasheet HTML 1Page - Texas Instruments 74HC257 Datasheet HTML 2Page - Texas Instruments 74HC257 Datasheet HTML 3Page - Texas Instruments 74HC257 Datasheet HTML 4Page - Texas Instruments 74HC257 Datasheet HTML 5Page - Texas Instruments 74HC257 Datasheet HTML 6Page - Texas Instruments 74HC257 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS171
Features
• Buffered Inputs
• Typical Propagation Delay ( In to Output ) = 12ns at
VCC = 5V, CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The Harris CD74HC257 and CD74HCT257 are quad 2-input
multiplexers which select four bits of data from two sources
under the control of a common Select Input (S). The Output
Enable input (OE) is active LOW. When OE is HIGH, all of
the outputs (1Y-4Y) are in the high impedance state regard-
less of all other input conditions.
Moving data from two groups of registers to four common
output busses is a common use of the 257. The state of the
Select input determines the particular register from which
the data comes. It can also be used as a function generator.
Pinout
CD74HC257, CD74HC257
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
CD74HC257E
-55 to 125
16 Ld PDIP
E16.3
CD74HCT257E
-55 to 125
16 Ld PDIP
E16.3
CD74HC257M
-55 to 125
16 Ld SOIC
M16.15
CD74HCT257M
-55 to 125
16 Ld SOIC
M16.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer or die for this part number is available which meets all
electrical specifications. Please contact your local sales office or
Harris customer service for ordering information.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
S
1I0
1I1
1Y
2I0
2I1
GND
2Y
VCC
4I0
4I1
4Y
3I0
3I1
3Y
OE
November 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1997
CD74HC257,
CD74HCT257
High Speed CMOS Logic Quad 2-Input
Multiplexer with Three-State Non-Inverting Outputs
File Number
1650.1
[ /Title
(CD74
HC257
,
CD74
HCT25
7)
/Sub-
ject
(High
Speed
CMOS
Logic
Quad
2-Input
Multi-
plexer


Similar Part No. - 74HC257

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74HC257 TOSHIBA-74HC257 Datasheet
250Kb / 6P
QUAD 2-CHANEL MULTIPLEXER (3-STATE)
logo
Hitachi Semiconductor
74HC257 HITACHI-74HC257 Datasheet
52Kb / 9P
Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs)
logo
NXP Semiconductors
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
Quad 2-input multiplexer 3-state
1998 Sep 30
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
logo
Nexperia B.V. All right...
74HC257 NEXPERIA-74HC257 Datasheet
249Kb / 15P
Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
More results

Similar Description - 74HC257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
Quad 2-Input Multiplexer with Three-State Outputs
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
High Speed CMOS Logic 8-Input Multiplexer; Three-State
logo
Intersil Corporation
CD54AC257 INTERSIL-CD54AC257 Datasheet
10Kb / 1P
Quad 2-Input Multiplexer Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD54HCT257 TI-CD54HCT257 Datasheet
276Kb / 12P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74AC257 TI-CD74AC257 Datasheet
287Kb / 8P
Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_07 Datasheet
455Kb / 17P
Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_08 Datasheet
485Kb / 17P
Quad 2-Input Multiplexer with Three-State Outputs
CD54HC257 TI1-CD54HC257_14 Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
High-Speed CMOS Logic 8-Input Multiplexer, Three-State
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com