Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1069A Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SA1069A
Description  Silicon PNP Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SA1069A Datasheet(HTML) 2 Page - Savantic, Inc.

  2SA1069A Datasheet HTML 1Page - Savantic, Inc. 2SA1069A Datasheet HTML 2Page - Savantic, Inc. 2SA1069A Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SA1069 2SA1069A
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SA1069
-60
VCEO(SUS)
Collector-emitter
sustaining voltage
2SA1069A
IC=-3.0A ,IB=-0.3A;L=1mH
-80
V
VCEsat
Collector-emitter saturation voltage
IC=-3A; IB=-0.3A
-0.6
V
VBEsat
Base-emitter saturation voltage
IC=-3A; IB=-0.3A
-1.5
V
2SA1069
VCB=-60V; IE=0
ICBO
Collector
cut-off current
2SA1069A
VCB=-80V; IE=0
-10
µA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-10
µA
hFE-1
DC current gain
IC=-0.3A ; VCE=-5V
40
hFE-2
DC current gain
IC=-3A ; VCE=-5V
40
200
Switching times
ton
Turn-on time
0.5
µs
tstg
Storage time
2.5
µs
tf
Fall time
IC=-3A ; VCC=-50V
IB1=-IB2=-0.3A;RL=17C
0.5
µs
hFE-2 Classifications
M
L
K
40-80
60-120
100-200



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com