Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLH2805S/KR Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # SLH2805S/KR
Description  SLH Single and Dual DC/DC Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SLH2805S/KR Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  SLH2805S/KR Datasheet HTML 1Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 2Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 3Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 4Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 5Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 6Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 7Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 8Page - Crane Aerospace & Electronics. SLH2805S/KR Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Operating COnditiOns and CharaCteristiCs
input Voltage range
16 to 40 VDC continuous
•
50 V for 50 msec transient
•
output power
1.5 W
•
Lead soldering temperature (10 sec per lead)
300°C
•
storage temperature range (case)
–65°C to +150°C
•
capacitive Load
Single output models 100 µF
•
Dual output models 100 µF
•
case operating temperature (tc)
-55°C to +125°C full power
•
-55°C to +135°C absolute
•
output Voltage temperature coefficient
100 ppm/°C typical
•
input to output capacitance
100 to 170 pF typical
•
isolation
100 megohm minimum at 500 VDC
•
Any pin to case, except case pin
•
conversion Frequency (kHz), 28 Vin, full load
25°C, 280 typ
•
-55°C to +125°C; 220 min, 320 max
•
derating output power/current (tc)
Linearly from 100% at 125°C to 0% at 135°C
•
inhibit
Active low (output disabled)
•
InH referenced to input common
‣
Active low 0.5 V max
‣
Inhibit pin current < 2mA
‣
Active high (output enabled)
•
Open collector or unconnected
‣
Pin voltage 7 to 8 volts, typical (open circuit)
‣
Do not apply external pull-up
‣
meChaniCal and envirOnmental
size (maximum)
0.980 x 0.805 x 0.270 inches (24.89 x 20.45 x 6.86 mm)
•
See case A2 for dimensions.
•
Weight (maximum)
12 grams
•
screening
Space Prototype (O), Class H, or Class K Radiation tolerant to
Radiation Hardness Assurance (RHA) levels of “-” (O) or “R”,
per MIL-STD-38534. Interpoint model numbers use an “O” in
the RHA designator position to indicate the “-” (dash) Radiation
Hardness Assurance level of MIL-PRF-38534, which is defined
as “no RHA”.
See “Class H and K, QML Screening” tables, page 10. Available
configurations: OO, HR, KR
Crane Aerospace & Electronics Power Solutions
sLH single and dual dc/dc converters
28 VoLt input – 1.5 Watt – pending reVision c reLease
Page 2 of 10
www.interpoint.com
Rev C - 20090318 - Pending Revision C Release



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com