Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL283R3S/HO Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # SMFL283R3S/HO
Description  SMFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMFL283R3S/HO Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button SMFL283R3S/HO Datasheet HTML 2Page - Crane Aerospace & Electronics. SMFL283R3S/HO Datasheet HTML 3Page - Crane Aerospace & Electronics. SMFL283R3S/HO Datasheet HTML 4Page - Crane Aerospace & Electronics. SMFL283R3S/HO Datasheet HTML 5Page - Crane Aerospace & Electronics. SMFL283R3S/HO Datasheet HTML 6Page - Crane Aerospace & Electronics. SMFL283R3S/HO Datasheet HTML 7Page - Crane Aerospace & Electronics. SMFL283R3S/HO Datasheet HTML 8Page - Crane Aerospace & Electronics. SMFL283R3S/HO Datasheet HTML 9Page - Crane Aerospace & Electronics. SMFL283R3S/HO Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Notes
1. Guaranteed by design, not tested.
2. Unit will shut down above approximately 45 V but will be undamaged and will
restart when voltage drops into normal range.
3. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
4. Transition time > 10 µS.
5. Tested on release from inhibit.
6. Shall not compromise DC performance.
7. SMFL283R3S current and power are at 25°C only.
Electrical Characteristics: -55°C to +125°C Tc, 28 VDC Vin, 100% load, RHA level O, unless otherwise specified.
SINgLE OUTPUT MODELS
SMFL283R3S
SMFL2805S
SMFL2812S
SMFL2815S
unitS
Parameter
cOnDitiOnS
MIN TYP MAx MIN TYP MAx MIN TYP MAx MIN TYP MAx
OutPut VOltage
tc = 25°c
3.26 3.30 3.34 4.95 5.00 5.05 11.88 12.00 12.12 14.85 15.00 15.15
VDc
OutPut current
Vin = 16 tO 40 VDc
0
—
12.12 0
—
10 0
—
5 0
—
4.33
a
OutPut POwer
Vin = 16 tO 40 VDc
0
—
40 0
—
50 0
—
60 0
—
65
w
OutPut riPPle
10 khz - 2 mhz
tc = 25°c
—
10
35
—
10
50
—
15
35
—
30
50
—
30
75
—
45
100
—
30
85
—
45
110
mV p-p
tc = -55°c tO +125°c
line regulatiOn
Vin = 16 tO 40 VDc
—
0
20 —
0
20 —
0
20 —
0
20
mV
lOaD regulatiOn
nO lOaD tO Full
—
—
40 —
—
20 —
—
20 —
—
20
mV
inPut VOltage
cOntinuOuS
16
28
40
—
—
50
16
28
40
—
—
50
16
28
40
—
—
50
16
28
40
—
—
50
VDc
V
TRANSIENT1, 2 50 ms
inPut current
nO lOaD
—
70
100
—
9
14
—
35
70
—
70
120
—
9
14
—
35
70
—
50
100
—
9
14
—
35
70
—
50
100
—
9
14
—
35
70
mA
inhibiteD – inh1
inhibiteD – inh2
inPut riPPle
10 khz - 10 mhz
—
30
50 —
30
50 —
30
50 —
30
50
mA p-p
eFFiciency
tc = 25°c
70
—
— 75
78
— 81
84
— 82
85
—
%
lOaD Fault
ShOrt circuit
POwer DiSSiPatiOn
tc = 25°c
—
12.5
16
—
1.5
4
—
12.5
16
—
1.5
4
—
10
16
—
1.5
4
—
10
16
—
1.5
4
w
ms
recOVery1
SteP lOaD
reSPOnSe
50% - 100% - 50%
tranSient
—
200
300
—
1.5
3.0
—
250
350
—
1.5
3.0
—
450
600
—
1.5
3.0
—
500
600
—
1.5
3.0
mV pk
mS
recOVery1, 3
SteP line
reSPOnSe1, 3
16 - 40 -16 VDc
tranSient4
—
250
300
—
200
600
—
250
300
—
200
300
—
250
400
—
200
300
—
250
400
—
200
300
mV pk
µs
recOVery
Start-uP5
Delay
—
3.5
6 —
3.5
6 —
3.5
6 —
3.5
6
ms
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 6 of 13
Rev H - 20061102
sMFL single and dual dc/dc converters
28 VoLt input – 65 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com