Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2805S/HO Datasheet(PDF) 3 Page - Crane Aerospace & Electronics.

Part # SMFL2805S/HO
Description  SMFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMFL2805S/HO Datasheet(HTML) 3 Page - Crane Aerospace & Electronics.

  SMFL2805S/HO Datasheet HTML 1Page - Crane Aerospace & Electronics. SMFL2805S/HO Datasheet HTML 2Page - Crane Aerospace & Electronics. SMFL2805S/HO Datasheet HTML 3Page - Crane Aerospace & Electronics. SMFL2805S/HO Datasheet HTML 4Page - Crane Aerospace & Electronics. SMFL2805S/HO Datasheet HTML 5Page - Crane Aerospace & Electronics. SMFL2805S/HO Datasheet HTML 6Page - Crane Aerospace & Electronics. SMFL2805S/HO Datasheet HTML 7Page - Crane Aerospace & Electronics. SMFL2805S/HO Datasheet HTML 8Page - Crane Aerospace & Electronics. SMFL2805S/HO Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
OPERATING CONDITIONS AND ChARACTERISTICS
input Voltage range
• 16 to 40 VDC continuous
• 50 V for 120 ms transient
output power
• 40 to 65 watts depending on model
Lead soldering temperature (10 sec per lead)
• 300°C
storage temperature range (case)
• –65°C to +150°C
power dissipation (pd)
• 14 watts (16 watts SMFL2805S, SMFL2805D)
case operating temperature (tc)
• –55°C to +125°C full power
derate output power/current
• MFL283R3S: linearly from 100% at 100 °C to 80% at 125 °C
output Voltage temperature coefficient
• 100 ppm/°C typical
input to output capacitance
• 150 pF, typical
current Limit
• 125% of full load typical
isolation
• 100 megohm minimum at 500 V
audio rejection
• 50 dB typical
conversion Frequency (-55°c to 125°c)
• Free run mode 600 kHz typical
525 kHz. min, 675 kHz max
inhibit pin Voltage (unit enabled)
• INH1 = 9 to12 V, INH2 = 6 to 9 V
MEChANICAL AND ENvIRONMENTAL
size (maximum)
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
See case U for dimensions.
Case options V, W, Y, and Z are available by special order.
Weight (maximum)
86 grams
screening
Space Prototype (O), Class H, or Class K
Radiation tolerant to Radiation Hardness Assurance (RHA) levels of “-” (O) or “R”, per MIL-STD-38534. Interpoint model numbers
use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level of MIL-PRF-38534, which is
defined as “no RHA”.
See “Class H and K, QML Screening” tables for more information.
Available configurations: OO, HO, HR, KR
SyNC IN AND INhIbIT (INh1, INh2)
sync in (525 to 675 kHz)
• Duty cycle 40% min, 60% max
• Logic low 0.8 V max
• Logic high 4.5 V min, 5 V max
• Referenced to input common
sync out
• Referenced to input common
inhibit (inH1, inH2) ttL open collector
• Logic low (output disabled)
INH1 referenced to input common
Logic low 0.8 V max
Inhibit pin current 10 mA max
INH2 referenced to output common
Logic low 0.5 V max
Inhibit pin current 5 mA max
• Logic high (output enabled)
Open collector
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 3 of 13
Rev H - 20061102
sMFL single and dual dc/dc converters
28 VoLt input – 65 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com