Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2812S/HO Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # SMFL2812S/HO
Description  SMFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMFL2812S/HO Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

Back Button SMFL2812S/HO Datasheet HTML 3Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 4Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 5Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 6Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 7Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 8Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 9Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 10Page - Crane Aerospace & Electronics. SMFL2812S/HO Datasheet HTML 11Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Notes
1. Guaranteed by design, not tested.
2. Up to 70% of the total output power is available from either output providing the
opposite output is simultaneously carrying 30% of the total power.
3. Effect on negative Vout from 50%/50% loads to 70%/30% or
30%/70% loads.
4. Effect on negative Vout from 50%/50% loads to 50% then 10% load on negative
Vout.
5. Unit will shut down above approximately 45V but will be undamaged and will
restart when voltage drops into normal range.
6. Recovery time is measured from application of the transient to point at which Vout
is within 1% of final value.
7. Transition time > 10 µS.
8. Tested on release from inhibit.
9. Shall not compromise DC performance.
Electrical Characteristics: -55°C to +125°C Tc, 28 VDC Vin, 100% load, RHA level O, unless otherwise specified.
DUAL OUTPUT MODELS
SMFL2805D
SMFL2812D
SMFL2815D
unitS
Parameter
cOnDitiOnS
MIN TYP MAx MIN TYP MAx MIN TYP MAx
OutPut VOltage
tc = 25°c
+ VOut
4.95 5.00 5.05
4.92 5.00 5.08
11.88 12.00 12.12
11.82 12.00 12.18
14.85 15.00 15.15
14.77 15.00 15.23
VDc
- VOut
OutPut current2
Vin = 16 tO 40 VDc
each OutPut 0
—
7
0
—
10
0
—
3.5
0
—
5
0
—
3.03
0
—
4.33
a
tOtal OutPut
OutPut POwer
Vin = 16 tO 40 VDc
0
—
50 0
—
60 0
—
65
w
OutPut riPPle
± VOut
10 khz - 2 mhz
—
50
100 —
50
120 —
50
150
mV p-p
line regulatiOn
VIN = 16 tO 40 VDc
+ VOut
—
0
50
—
25
100
—
0
50
—
25
100
—
0
50
—
25
100
mV
- VOut
lOaD regulatiOn
nO lOaD tO Full
+ VOut
—
0
50
—
25
100
—
10
50
—
50
120
—
10
50
—
150
150
mV
- VOut
crOSS regulatiOn
tc = 25°c
See nOte
3
—
5
8
—
3
6
—
2
4
—
2
4
—
2
4
—
2
4
%
See nOte
4
inPut VOltage
cOntinuOuS
16
28
40
—
—
50
16
28
40
—
—
50
16
28
40
—
—
50
VDc
V
TRANSIENT1, 5 50 ms
inPut current
nO lOaD
—
50
120
—
9
14
—
35
70
—
50
100
—
9
14
—
35
70
—
50
100
—
9
14
—
35
70
mA
inhibiteD–inh1
inhibiteD–inh2
inPut riPPle current
10 khz - 10 mhz
—
30
50 —
30
50 —
30
80
mA p-p
eFFiciency
tc = 25°c
balanceD lOaD
75
78
— 81
84
— 82
85
—
%
lOaD Fault
tc = 25°c
ShOrt circuit
POwer DiSSiPatiOn
—
12.5
16
—
1.5
4.0
—
10
14
—
1.5
4.0
—
10
14
—
1.5
4.0
w
ms
recOVery1
SteP lOaD reSPOnSe
± VOut
50% - 100% - 50% tranSient
—
250
350
—
1.5
3.0
—
450
600
—
1.5
3.0
—
500
600
—
1.5
3.0
mV pk
mS
recOVery1, 7
SteP line reSPOnSe1, 6
± VOut
16 - 40 -16 VDc tranSient7
—
250
300
—
200
300
—
250
400
—
200
300
—
250
400
—
200
300
mV pk
µs
recOVery
Start-uP8
Delay
—
3.5
6 —
3.5
6 —
3.5
6
ms
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 7 of 13
Rev H - 20061102
sMFL single and dual dc/dc converters
28 VoLt input – 65 Watt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com