Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMFL2815S/HO Datasheet(PDF) 1 Page - Crane Aerospace & Electronics.

Part # SMFL2815S/HO
Description  SMFL Single and Dual DC/DC Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMFL2815S/HO Datasheet(HTML) 1 Page - Crane Aerospace & Electronics.

  SMFL2815S/HO Datasheet HTML 1Page - Crane Aerospace & Electronics. SMFL2815S/HO Datasheet HTML 2Page - Crane Aerospace & Electronics. SMFL2815S/HO Datasheet HTML 3Page - Crane Aerospace & Electronics. SMFL2815S/HO Datasheet HTML 4Page - Crane Aerospace & Electronics. SMFL2815S/HO Datasheet HTML 5Page - Crane Aerospace & Electronics. SMFL2815S/HO Datasheet HTML 6Page - Crane Aerospace & Electronics. SMFL2815S/HO Datasheet HTML 7Page - Crane Aerospace & Electronics. SMFL2815S/HO Datasheet HTML 8Page - Crane Aerospace & Electronics. SMFL2815S/HO Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
description
The SMFL Series™ 28-volt DC/DC converters are rated up to 65 watts
output power over a -55° to +125°C temperature range with a 28 Vdc
nominal input. On dual output models up to 70% of the rated output
power can be drawn from either the positive or negative outputs. Current
sharing allows the units to be paralleled for total power of up to 148
watts. The welded, hermetically sealed package is only 3.0 x 1.5 x 0.40
inches, giving the series an overall power density of up to 45 watts per
cubic inch.
Screening
SMFL converters offer the following screening options: Space Prototype
(O), Class H, or Class K. Radiation tolerant to Radiation Hardness
Assurance (RHA) levels of “-” (O) or “R”, per MIL-STD-38534. Interpoint
model numbers use an “O” in the RHA designator position to indicate the
“-” (dash) Radiation Hardness Assurance level of MIL-PRF-38534, which
is defined as “no RHA”. See “Class H and K, QML Screening” tables for
more information.
DeSign FeatureS
SMFL Series converters are switching regulators that use a quasi-square
wave, single ended forward converter design with a constant switching
frequency of 600 kHz typical.
Isolation between input and output circuits is provided with a transformer
in the forward path and a wide bandwidth magnetic coupling in the feed-
back control loop. The SMFL uses a unique dual loop feedback technique
that controls output current with an inner feedback loop and an output
voltage with a cascaded voltage mode feedback loop. The additional
secondary current mode feedback loop improves transient response in
a manner similar to primary current mode control and allows for ease of
paralleling, but without the cost and complexity.
The constant frequency, pulse-width modulated converters use a quasi-
square wave single-ended forward design. Tight load regulation is
achieved through a wide-bandwidth magnetic feedback circuit. The output
voltage on single SMFL models can be trimmed to a specific output
voltage by adding an external resistor.
inhibit
The SMFL Series converters have two TTL compatible inhibit terminals
(INH1 and INH2) that can be used to disable power conversion, resulting
in a very low quiescent input current and no generation of switching
noise. An open collector TTL compatible low (<0.8 volts) is required to
inhibit the converter between INH1 (pin 4) and Input Common (pin 2). An
open collector TTL compatible low (<0.5 volts) is required to inhibit the
converter between INH2 (pin 12) and Output Common (pin 8). The appli-
cation of intermediate voltages to these pins (1.5 to 10.5 volts) should be
avoided.
Sync
Converters may be synced to an external clock (525 to 675 kHz) or
to one another by using the sync in or out pins. The nominal free-run
switching frequency is 600 kHz.
current anD Parallel OPeratiOn
Multiple single output SMFL converters may be used in parallel to drive a
common load. In this mode of operation the load current is shared by two
or three SMFL converters. In current sharing mode, one SMFL converter
is designated as a master. The SLAVE pin (pin 11) of the master is left
unconnected and the MSTR/INH2 pin (pin 12) of the master is connected
to the SLAVE pin (pin 11) of the slave units. The units designated as
slaves have the MSTR/INH2 pin (pin 12) connected to the SNS RTN
pin (pin 9). Note that synchronizing the units together is not required for
current sharing operation. A second slave unit may be placed in parallel
with a master and slave; this requires the TRI pin (pin 3) of the master
unit to be connected to the SNS RTN pin (pin 9). See Figure 2 for a block
diagram of parallel connections.
When paralleled, 76% of the total combined power ratings of the SMFL
converters are available at the load. Overload and short circuit perfor-
mance are not adversely affected during parallel operation.
Features
• Fully qualified to Class H or K
• –55° to +125°C operation
• 16 to 40 VDC input
• Fully Isolated
• Magnetic feedback
• Fixed frequency, 600 kHz typical
• Topology – Single Ended Forward
• 50 V for up to 120 ms transient protection
• Inhibit input side and output side
• Sync function
• Output trim on single output models
• Indefinite short circuit protection
• Remote sense on single output models
• Up to 85% efficiency / 43 W/in3
• Parallelable up to 148 watts
MODELS
VDc OutPut
SINgLE
3.3
5
12
15
DUAL
±5
±12
±15
Crane Aerospace & Electronics Power Solutions
sMFL single and dual dc/dc converters
Crane Aerospace & Electronics
Electronics group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • electronics@craneae.com
www.craneae.com
Page 1 of 13
Rev H - 20061102
28 VoLt input – 65 Watt


Similar Part No. - SMFL2815S/HO

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL2815S/HO INTERPION-SMFL2815S/HO Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
More results

Similar Description - SMFL2815S/HO

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
MHP270 Single and Dual DC/DC Converters
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
SLH Single and Dual DC-DC Converters
SMFL283R3S INTERPOINT-SMFL283R3S_16 Datasheet
332Kb / 15P
SMFL Single and Dual DC-DC Converters
SMFLHP283R3S INTERPOINT-SMFLHP283R3S_16 Datasheet
313Kb / 15P
SMFLHP Single and Dual DC-DC Converters
SMSA283R3 INTERPOINT-SMSA283R3_16 Datasheet
310Kb / 15P
SMSA Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com