Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMRT28515THP Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # SMRT28515THP
Description  SMRT Single, Dual and Triple DC/DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMRT28515THP Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button SMRT28515THP Datasheet HTML 2Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 3Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 4Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 5Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 6Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 7Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 8Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 9Page - Crane Aerospace & Electronics. SMRT28515THP Datasheet HTML 10Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MODEL NUMBERING KEY
SMRT
28 515 T / KF
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S=single, D=dual, T=triple)
(single or dual Vout for single or dual models
main and aux. Vout for triple models)
(OO-prototype, HP, HR, KP, KR, KF)
MODEL SELECTION
SMRT28
/
Base model
Vout value
number of outputs
screening
Choose one from each of the following rows
Vout value
singles: 3.3, 5, 12, 15
duals: 5,12,15
triples*: 3.312, 3.315, 512, 515
“R” = decimal point, 3R3 = 3.3VDC
Number of outputs
S (single), D (dual), T (triple)
Screening
OO** - Space prototype, HP, HR, KP, KR, KF
* for triple models “3.3” and “5” indicates the main voltage, “12” or “15” indicate the ± auxiliary voltages.
**Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level of MIL-PRF-38534,
which is defined as “no RHA”
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 6 of 17
Rev B – 20080213
SMRT Single, Dual and Triple DC/DC Converters
28 VOLT INPUT – 35 WATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com