Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMRT28515THR Datasheet(PDF) 13 Page - Crane Aerospace & Electronics.

Part # SMRT28515THR
Description  SMRT Single, Dual and Triple DC/DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

SMRT28515THR Datasheet(HTML) 13 Page - Crane Aerospace & Electronics.

Back Button SMRT28515THR Datasheet HTML 9Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 10Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 11Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 12Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 13Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 14Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 15Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 16Page - Crane Aerospace & Electronics. SMRT28515THR Datasheet HTML 17Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Notes
1. Guaranteed by design, not tested.
2. Maximum power dissipation when all outputs are shorted simultaneously.
3. Measured from release of inhibit or input voltage step.
4. Efficiency measured with all outputs at full load.
5. Up to 750 mA is available from either auxiliary output provided the total auxiliary output power does not exceed 15 watts.
6. Half load to/from full load; Transition time ≥ 10 μs.
7. Converter should not be inhibited or operated below 19 Vin above 5x104 rads (Si) total dose.
8. If 3.3S model is trimmed to the high end of its range, then minimum Vin = 22 V.
9. Converters meet MIL-STD-461 specification revisions for conducted emissions C-CE03 and D-/E-CE-102. The actual value of input ripple current is
much less, the limit in the characteristic table is based on measurement resolution.
10. Minimum value pre-load on all outputs of 2% of full load should be used on all outputs at TID of 100k rads(Si) and greater to ensure tight regulation
over full input voltage range.
Electrical Characteristics: -55°C to +125°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
TRIPLE OUTPUT MODEL – SMRT28515T
5
±15
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUT VOLTAGE
+ VOUT
4.92
5.00
5.08
—
—
—
14.77
15.00
15.23
-14.70
-15.00
-15.30
VDC
- VOUT
OUTPUT CURRENT5, 10
—
—
3.0
0
±0.5
±0.75
A
OUTPUT POWER10
VIN = 19 TO 56 VDC
0
—
1 5
0
±7.5
15
W
OUTPUT RIPPLE
10 KHZ - 20 MHZ
—
—
200
—
—
200
mV p-p
LINE REGULATION
VIN = 19 TO 50 VDC
+ VOUT
—
5
25
—
—
—
—
—
25
—
20
35
mV
- VOUT
LOAD REGULATION
NO LOAD TO FULL
VIN = 19, 28, 50 VDC
+ VOUT
—
5
50
—
—
—
—
5
50
—
10
500
mV
- VOUT
TOTAL REGULATION
ALL CONDITIONS OF
LINE, LOAD, AGING,
TEMP AND RADIATION
4.7
—
5.3
±14
—
±16.0
V
OUT
INPUT VOLTAGE7, 8
CONTINUOUS
19
28
56
0
—
80
19
28
56
0
—
80
VDC
V
TRANSIENT 100 ms
INPUT CURRENT
INHIBITED7
—
—
50
—
—
110
—
—
50
—
—
110
V
mA
NO LOAD
INPUT RIPPLE CURRENT9
10 kHz - 20 MHz
—
10
150
—
10
150
mA p-p
EFFICIENCY4
70
—
—
70
—
—
%
LOAD FAULT
POWER DISSIPATION2
—
—
25
—
—
25
W
STEP LOAD RESPONSE6
TRANSIENT
-250
—
250
—
—
1
-350
—
350
—
—
1
mV pk
ms
RECOVERY
STEP LINE RESPONSE1
19 - 56 - 19 VIN
TRANSIENT
-500
—
500
—
—
1.5
-750
—
750
—
—
1.5
mV pk
ms
RECOVERY
START-UP
DELAY3
NO LOAD AND FULL
—
—
25
—
0
200
—
—
20
—
0
350
ms
mV pk
OVERSHOOT3
CAPACITIVE LOAD1
UNCONDITIONALLY
STABLE, START-UP
DELAY INCREASED
TC = 25°C
—
—
5000
—
—
1000
μF
Crane Aerospace & Electronics Power Solutions
www.craneae.com
Page 13 of 17
Rev B – 20080213
SMRT Single, Dual and Triple DC/DC Converters
28 VOLT INPUT – 35 WATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com