Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC93E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC93E
Description  High Speed CMOS Logic 4-Bit Binary Ripple Counter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC93E Datasheet(HTML) 2 Page - Texas Instruments

  CD74HC93E Datasheet HTML 1Page - Texas Instruments CD74HC93E Datasheet HTML 2Page - Texas Instruments CD74HC93E Datasheet HTML 3Page - Texas Instruments CD74HC93E Datasheet HTML 4Page - Texas Instruments CD74HC93E Datasheet HTML 5Page - Texas Instruments CD74HC93E Datasheet HTML 6Page - Texas Instruments CD74HC93E Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TRUTH TABLE
COUNT
OUTPUTS
Q0
Q1
Q2
Q3
0LLLL
1
H
LLL
2L
H
L
L
3H
HL
L
4LL
H
L
5HLHL
6L
H
H
L
7
HHH
L
8LLL
H
9HL
L
H
10
LHLH
11
H
H
L
H
12
L
L
H
H
13
H
L
H
H
14
L
HHH
15
HHHH
NOTE: H = High Voltage Level, L = Low Voltage Level
MODE SELECTION
RESET OUTPUTS
OUTPUTS
MR1
MR2
Q0
Q1
Q2
Q3
H
H
LLLL
L
H
Count
Count
Count
Count
HL
LL
NOTE: H = High Voltage Level, L = Low Voltage Level
CD74HC93, CD74HCT93



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com