Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC2586 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC2586
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC2586 Datasheet(HTML) 1 Page - Texas Instruments

  CDC2586 Datasheet HTML 1Page - Texas Instruments CDC2586 Datasheet HTML 2Page - Texas Instruments CDC2586 Datasheet HTML 3Page - Texas Instruments CDC2586 Datasheet HTML 4Page - Texas Instruments CDC2586 Datasheet HTML 5Page - Texas Instruments CDC2586 Datasheet HTML 6Page - Texas Instruments CDC2586 Datasheet HTML 7Page - Texas Instruments CDC2586 Datasheet HTML 8Page - Texas Instruments CDC2586 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CDC2586
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS337C – FEBRUARY 1993 – REVISED OCTOBER 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Output Skew for Clock-Distribution
and Clock-Generation Applications
D Operates at 3.3-V VCC
D Distributes One Clock Input to Twelve
Outputs
D Two Select Inputs Configure Up to Nine
Outputs to Operate at One-Half or Double
the Input Frequency
D No External RC Network Required
D External Feedback (FBIN) Synchronizes the
Outputs to the Clock Input
D Application for Synchronous DRAM,
High-Speed Microprocessor
D TTL-Compatible Inputs and Outputs
D Outputs Have Internal 26-Ω Series
Resistors to Dampen Transmission-Line
Effects
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Distributed VCC and Ground Pins Reduce
Switching Noise
D Packaged in 52-Pin Thin Quad Flat Package
PAH PACKAGE
(TOP VIEW)
15 16
VCC
4Y3
GND
VCC
4Y2
GND
VCC
4Y1
GND
GND
VCC
3Y3
GND
39
38
37
36
35
34
33
32
31
30
29
28
27
17
1
2
3
4
5
6
7
8
9
10
11
12
13
GND
1Y1
VCC
GND
1Y2
VCC
GND
1Y3
VCC
GND
GND
2Y1
VCC
18 19 20 21
51 50 49 48 47
52
46
44 43 42
45
22 23 24 25 26
41 40
14
NC – No internal connection
description
The CDC2586 is a high-performance, low-skew, low-jitter clock driver. It uses a phase-lock loop (PLL) to
precisely align, in both frequency and phase, the clock output signals to the clock input (CLKIN) signal. It is
specifically designed for use with popular microprocessors operating at speeds from 50 MHz to 100 MHz or
down to 25 MHz on outputs configured for half-frequency operation. Each output has an internal 26-
Ω series
resistor that improves the signal integrity at the load. The CDC2586 operates at nominal 3.3-V VCC.
The feedback input (FBIN) synchronizes the output clocks in frequency and phase to CLKIN. One of the twelve
output clocks must be fed back to FBIN for the PLL to maintain synchronization between CLKIN and the outputs.
The output used as feedback is synchronized to the same frequency as CLKIN.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙΒ is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - CDC2586

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2586 TI1-CDC2586 Datasheet
307Kb / 14P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2586PAH TI1-CDC2586PAH Datasheet
307Kb / 14P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2586PAHG4 TI1-CDC2586PAHG4 Datasheet
307Kb / 14P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2586PAHR TI1-CDC2586PAHR Datasheet
307Kb / 14P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2586PAHRG4 TI1-CDC2586PAHRG4 Datasheet
307Kb / 14P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Similar Description - CDC2586

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2536 TI-CDC2536 Datasheet
143Kb / 10P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536 TI-CDC536 Datasheet
170Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC586 TI-CDC586 Datasheet
166Kb / 12P
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI-SN54CDC586 Datasheet
150Kb / 11P
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC536DBG4 TI1-CDC536DBG4 Datasheet
295Kb / 14P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC586 TI1-SN54CDC586_07 Datasheet
152Kb / 11P
3.3-V PHASE-LOCK-LOOP CLOCK DRIVER WITH 3-STATE OUPUTS
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com