Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC329A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC329A
Description  1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC329A Datasheet(HTML) 1 Page - Texas Instruments

  CDC329A Datasheet HTML 1Page - Texas Instruments CDC329A Datasheet HTML 2Page - Texas Instruments CDC329A Datasheet HTML 3Page - Texas Instruments CDC329A Datasheet HTML 4Page - Texas Instruments CDC329A Datasheet HTML 5Page - Texas Instruments CDC329A Datasheet HTML 6Page - Texas Instruments CDC329A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDC329A
1-LINE TO 6-LINE CLOCK DRIVER
WITH SELECTABLE POLARITY
SCAS328B – DECEMBER 1992 – REVISED OCTOBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Output Skew for Clock-Distribution
and Clock-Generation Applications
D TTL-Compatible Inputs and
CMOS-Compatible Outputs
D Distributes One Clock Input to Six Clock
Outputs
D Polarity Control Selects True or
Complementary Outputs
D Distributed VCC and GND Pins Reduce
Switching Noise
D High-Drive Outputs (–32-mA IOH,
32-mA IOL)
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Package Options Include Plastic
Small-Outline (D)
description
The CDC329A contains a clock-driver circuit that distributes one input signal to six outputs with minimum skew
for clock distribution. Through the use of the polarity-control inputs (T/C), various combinations of true and
complementary outputs can be obtained.
The CDC329A is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
T/C
A
Y
L
L
L
L
HH
H
LH
H
H
L
logic symbol†
12
A
N1
15
N2
13
1Y1
16
1
1Y2
2
1
2Y1
3
2
N3
10
N4
9
2Y2
5
2
3Y
6
3
4Y
8
4
1T/C
2T/C
3T/C
4T/C
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
1Y2
2Y1
GND
2Y2
3Y
GND
4Y
1Y1
1T/C
VCC
2T/C
A
VCC
3T/C
4T/C


Similar Part No. - CDC329A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC329A TI1-CDC329A Datasheet
299Kb / 10P
1Line to 6Line Clock Driver
CDC329A TI2-CDC329A Datasheet
225Kb / 11P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
REVISED OCTOBER 1998
CDC329AD TI1-CDC329AD Datasheet
299Kb / 10P
1Line to 6Line Clock Driver
CDC329AD TI2-CDC329AD Datasheet
225Kb / 11P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
REVISED OCTOBER 1998
CDC329AD.B TI2-CDC329AD.B Datasheet
225Kb / 11P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
REVISED OCTOBER 1998
More results

Similar Description - CDC329A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC328A TI-CDC328A Datasheet
101Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC340 TI-CDC340 Datasheet
104Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341 TI-CDC341 Datasheet
102Kb / 7P
1-LINE TO 8-LINE CLOCK DRIVER
CDC391 TI-CDC391 Datasheet
107Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
CDC329 TI-CDC329 Datasheet
89Kb / 6P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC392 TI-CDC392 Datasheet
130Kb / 1P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
CDC328 TI1-CDC328 Datasheet
114Kb / 7P
1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
1-LINE TO 8-LINE CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com