Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC340 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC340
Description  1-LINE TO 8-LINE CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC340 Datasheet(HTML) 4 Page - Texas Instruments

  CDC340 Datasheet HTML 1Page - Texas Instruments CDC340 Datasheet HTML 2Page - Texas Instruments CDC340 Datasheet HTML 3Page - Texas Instruments CDC340 Datasheet HTML 4Page - Texas Instruments CDC340 Datasheet HTML 5Page - Texas Instruments CDC340 Datasheet HTML 6Page - Texas Instruments CDC340 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CDC340
1-LINE TO 8-LINE CLOCK DRIVER
SCAS332B – DECEMBER 1992 – REVISED MAY 1997
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, CL = 50 pF (see Figure 1 and Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
VCC = 4.75 V to 5.25 V,
TA = 0°C to 70°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
Propagation delay time, low-to-high level
A
Y
3.4
4.5
3
4.8
ns
tPHL
Propagation delay time, high-to-low level
A
Y
3.2
4.3
2.8
4.7
ns
tPLH
Propagation delay time, low-to-high level
G
Y
2
3.8
2
4
ns
tPHL
Propagation delay time, high-to-low level
G
Y
2
3.8
2
4
ns
tsk(o)
Skew time, output
0.3
0.5
0.6
tsk(p)
Skew time, pulse
A
Y
0.6
0.8
0.9
ns
tsk(pr)
Skew time, process
1.1
1.1
tr
Rise time
A
Y
1.5
ns
tf
Fall time
A
Y
1.5
ns
tpd performance information relative to VCC and temperature variation (see Note 4)
PARAMETER
∆ change
∆tPLH(TA)†
Temperature drift of tPLH from 0°C to 70°C
– 53 ps / 10
°C
∆tPHL(TA)†
Temperature drift of tPHL from 0°C to 70°C
– 58 ps / 10
°C
∆tPLH(VCC)‡ VCC drift of tPLH from 4.75 V to 5.25 V
43 ps / 100 mV
∆tPHL(VCC)‡ VCC drift of tPHL from 4.75 V to 5.25 V
– 33 ps / 100 mV
† Virtually independent of VCC
‡ Virtually independent of temperature
NOTE 4: The data extracted is from a wide range of characterization material.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com