Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC536 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDC536
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC536 Datasheet(HTML) 2 Page - Texas Instruments

  CDC536 Datasheet HTML 1Page - Texas Instruments CDC536 Datasheet HTML 2Page - Texas Instruments CDC536 Datasheet HTML 3Page - Texas Instruments CDC536 Datasheet HTML 4Page - Texas Instruments CDC536 Datasheet HTML 5Page - Texas Instruments CDC536 Datasheet HTML 6Page - Texas Instruments CDC536 Datasheet HTML 7Page - Texas Instruments CDC536 Datasheet HTML 8Page - Texas Instruments CDC536 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CDC536
3.3-V PHASE-LOCK LOOP CLOCK DRIVER
WITH 3-STATE OUTPUTS
SCAS378F – APRIL 1994 – REVISED OCTOBER 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Because it is based on PLL circuitry, the CDC536 requires a stabilization time to achieve phase lock of the
feedback signal to the reference signal. This stabilization time is required following power up and application
of a fixed-frequency, fixed-phase signal at CLKIN as well as following any changes to the PLL reference or
feedback signals. Such changes occur upon change of the select inputs, enabling the PLL via TEST, and upon
enable of all outputs via OE.
The CDC536 is characterized for operation from 0
°C to 70°C.
detailed description of output configurations
The voltage-controlled oscillator (VCO) in the CDC536 has a frequency range of 100 MHz to 200 MHz, twice
the operating frequency range of the CDC536 outputs. The output of the VCO is divided by two and by four to
provide reference frequencies with a 50% duty cycle of one-half and one-fourth the VCO frequency. The SEL0
and SEL1 inputs determine which of the two signals are buffered to each bank of device outputs.
One device output must be externally wired to FBIN to complete the PLL. The VCO operates such that the
frequency of this output matches that of the CLKIN signals. In the case that a VCO/2 output is wired to FBIN,
the VCO must operate at twice the CLKIN frequency, resulting in device outputs that operate at the same or
one-half the CLKIN frequency. If a VCO/4 output is wired to FBIN, the device outputs operate at the same or
twice the CLKIN frequency.
output configuration A
Output configuration A is valid when any output configured as a 1
× frequency output in Table 1 is fed back to
the FBIN input. The input frequency range for the CLKIN input is 50 MHz to 100 MHz when using output
configuration A. Outputs configured as 1/2
× outputs operate at half the CLKIN frequency, while outputs
configured as 1
× outputs operate at the same frequency as the CLKIN input.
Table 1. Output Configuration A
INPUTS
OUTPUTS
SEL
1/2
×
FREQUENCY
1
×
FREQUENCY
L
None
All
H
1Yn
2Yn
NOTE: n = 1, 2, 3
output configuration B
Output configuration B is valid when any output configured as a 1
× frequency output in Table 2 is fed back to
FBIN. The input frequency range for the CLKIN input is 25 MHz to 50 MHz when using output configuration B.
Outputs configured as 1
× outputs operate at the CLKIN frequency, while outputs configured as 2× outputs
operate at double the frequency of the CLKIN input.
Table 2. Output Configuration B
INPUTS
OUTPUTS
SEL
1
×
FREQUENCY
2
×
FREQUENCY
L
All
None
H
1Yn
2Yn
NOTE: n = 1, 2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com