Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC925 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC925
Description  133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC925 Datasheet(HTML) 3 Page - Texas Instruments

  CDC925 Datasheet HTML 1Page - Texas Instruments CDC925 Datasheet HTML 2Page - Texas Instruments CDC925 Datasheet HTML 3Page - Texas Instruments CDC925 Datasheet HTML 4Page - Texas Instruments CDC925 Datasheet HTML 5Page - Texas Instruments CDC925 Datasheet HTML 6Page - Texas Instruments CDC925 Datasheet HTML 7Page - Texas Instruments CDC925 Datasheet HTML 8Page - Texas Instruments CDC925 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CDC925
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS633 – JULY 28, 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3V66 [0–3]
21, 22, 25, 26
O
3.3 V, Type 5, 66-MHz clock outputs
48MHz
30
O
3.3 V, Type 3, 48-MHz clock output
APIC [0–2]
53, 54, 55
O
2.5 V, Type 1, APIC clock outputs
CPU [0–3]
41, 42, 45, 46
O
2.5 V, Type 1, CPU clock outputs
CPU_DIV2 [0–1]
49, 50
O
2.5 V, Type 1, CPU_DIV2 clock outputs
CPU_STOP
36
I
Disables CPU clock to low state
GND
1, 7, 13, 19,
20, 24, 29, 38,
40, 44, 48, 52
Ground
PCI [1–7]
9, 11, 12, 14,
15, 17, 18
O
3.3 V, Type 5, 33-MHz PCI clock outputs
PCI_F
8
O
Free-running 3.3-V, Type 5, 33-MHz PCI clock output
PCI_STOP
37
I
Disables PCI clock to low state
PWR_DWN
35
I
Power down for complete device with outputs forced low
REF0, REF1
2, 3
O
3.3 V, Type 3, 14.318-MHz reference clock output
SEL0, SEL1
32, 33
I
LVTTL level logic select terminals for function selection
SEL133/100
28
I
LVTTL level logic select pins for enabling 100/133 MHz
SPREAD
34
I
Disables SSC function
VDD3.3V
4, 10, 16, 23,
27, 31, 39
Power for the 3V66, 48MHz, PCI, REF outputs and CORE logic
VDD2.5V
43, 47, 51, 56
Power for CPU and APIC outputs
XIN
5
I
Crystal input – 14.318 MHz
XOUT
6
O
Crystal output – 14.318 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com