Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT240TDIP Datasheet(PDF) 4 Page - Texas Instruments

Part # CY74FCT240TDIP
Description  8-Bit Buffers/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT240TDIP Datasheet(HTML) 4 Page - Texas Instruments

  CY74FCT240TDIP Datasheet HTML 1Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 2Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 3Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 4Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 5Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 6Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 7Page - Texas Instruments CY74FCT240TDIP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY54/74FCT240T
CY54/74FCT244T
4
Switching Characteristics Over the Operating Range
Parameter
Description
FCT240T
FCT240AT
Unit
Fig.
No.[13]
Military
Commercial
Military
Commercial
Min.[12]
Max.
Min.[12]
Max.
Min.[12]
Max.
Min.[12]
Max.
tPLH
tPHL
Propagation Delay
Data to Input
1.5
9.0
1.5
8.0
1.5
5.1
1.5
4.8
ns
1, 2
tPZH
tPZL
Output Enable Time
1.5
10.5
1.5
10.0
1.5
6.5
1.5
6.2
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
10.0
1.5
9.5
1.5
5.9
1.5
5.6
ns
1, 7, 8
Parameter
Description
FCT240CT
Unit
Fig.
No.[13]
Military
Commercial
Min.[12]
Max.
Min.[12]
Max.
tPLH
tPHL
Propagation Delay Data to Input
1.5
4.7
1.5
4.3
ns
1, 2
tPZH
tPZL
Output Enable Time
1.5
5.7
1.5
5.0
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
4.6
1.5
4.5
ns
1, 7, 8
Parameter
Description
FCT244T
FCT244AT
Unit
Fig.
No.[13]
Military
Commercial
Military
Commercial
Min.[12]
Max.
Min.[12]
Max.
Min.[12]
Max.
Min.[12]
Max.
tPLH
tPHL
Propagation Delay
Data to Input
1.5
7.0
1.5
6.5
1.5
5.1
1.5
4.6
ns
1, 3
tPZH
tPZL
Output Enable Time
1.5
8.5
1.5
8.0
1.5
6.5
1.5
6.2
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
7.5
1.5
7.0
1.5
5.9
1.5
5.6
ns
1, 7, 8
Parameter
Description
FCT244CT
FCT244DT
Unit
Fig.
No.[13]
Military
Commercial
Commercial
Min.[12]
Max.
Min.[12]
Max.
Min.[12]
Max.
tPLH
tPHL
Propagation Delay Data to Input
1.5
4.6
1.5
4.1
1.5
3.6
ns
1, 3
tPZH
tPZL
Output Enable Time
1.5
6.5
1.5
5.8
1.5
4.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.7
1.5
5.2
1.5
4.0
ns
1, 7, 8
Notes:
12. Minimum limits are specified but not tested on Propagation Delays.
13. See “Parameter Measurement Information” in the General Information section.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com