Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT16374CTPVC Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16374CTPVC
Description  16-Bit Registers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16374CTPVC Datasheet(HTML) 2 Page - Texas Instruments

  CY74FCT16374CTPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16374CTPVC Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY74FCT16374T
CY74FCT162374T
2
Maximum Ratings[2, 3]
(Above which the useful life may be impaired. For user
guidelines, not tested.)
Storage Temperature ..............................
−55°C to +125°C
Ambient Temperature with
Power Applied ..........................................
−55°C to +125°C
DC Input Voltage
................................................. −0.5V to +7.0V
DC Output Voltage
.............................................. −0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin)
............................−60 to +120 mA
Power Dissipation ..........................................................1.0W
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Function Table[1]
Inputs
Outputs
Function
D
CLK
OE
O
X
L
H
Z
High-Z
X
H
H
Z
L
L
L
Load
Register
H
L
H
L
H
Z
H
H
Z
Pin Description
Name
Description
D
Data Inputs
CLK
Clock Inputs
OE
Three-State Output Enable Inputs (Active LOW)
O
Three-State Outputs
Operating Range
Range
Ambient
Temperature
VCC
Industrial
−40°C to +85°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Unit
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[5]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=−18 mA
−0.7
−1.2
V
IIH
Input HIGH Current
VCC=Max., VI=VCC
±1
µA
IIL
Input LOW Current
VCC=Max., VI=GND
±1
µA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=2.7V
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=0.5V
±1
µA
IOS
Short Circuit Current[6]
VCC=Max., VOUT=GND
−80
−140
−200
mA
IO
Output Drive Current[6]
VCC=Max., VOUT=2.5V
−50
−180
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
[7]
±1
µA
Output Drive Characteristics for CY74FCT16374T
Parameter
Description
Test Conditions
Min.
Typ.[4]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=−3 mA
2.5
3.5
V
VCC=Min., IOH=−15 mA
2.4
3.5
V
VCC=Min., IOH=−32 mA
2.0
3.0
V
VOL
Output LOW Voltage
VCC=Min., IOL=64 mA
0.2
0.55
V
Notes:
1.
H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care. Z = HIGH Impedance.
= LOW-to-HIGH Transition.
2.
Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature
range.
3.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground.
4.
Typical values are at VCC= 5.0V, TA= +25˚C ambient.
5.
This parameter is specified but not tested.
6.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of
a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.
7.
Tested at +25˚C.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com