Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT16244ATPVC Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16244ATPVC
Description  16-Bit Buffers/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16244ATPVC Datasheet(HTML) 3 Page - Texas Instruments

  CY74FCT16244ATPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16244ATPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY74FCT16244T
CY74FCT162244T
CY74FCT162H244T
3
Output Drive Characteristics for CY74FCT16244T
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VOH
Output HIGH Voltage
VCC=Min., IOH=–3 mA
2.5
3.5
V
VCC=Min., IOH=–15 mA
2.4
3.5
V
VCC=Min., IOH=–32 mA
2.0
3.0
V
VOL
Output LOW Voltage
VCC=Min., IOL=64 mA
0.2
0.55
V
Output Drive Characteristics for CY74FCT162244T, CY74FCT162H244T
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
IODL
Output LOW Current[8]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
60
115
150
mA
IODH
Output HIGH Current[8]
VCC=5V, VIN=VIH or VIL, VOUT=1.5V
–60
–115
–150
mA
VOH
Output HIGH Voltage
VCC=Min., IOH=–24 mA
2.4
3.3
V
VOL
Output LOW Voltage
VCC=Min., IOL=24 mA
0.3
0.55
V
Notes:
5.
Typical values are at VCC=5.0V, TA = +25˚C ambient.
6.
This parameter is specified but not tested.
7.
Pins with bus hold are described in Pin Description.
8.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.
9.
Tested at +25˚C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com