Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT16244TPVC Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16244TPVC
Description  16-Bit Buffers/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16244TPVC Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT16244TPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16244TPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16244TPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16244TPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16244TPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16244TPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16244TPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16244TPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY74FCT16244T
CY74FCT162244T
CY74FCT162H244T
5
S
Switching Characteristics Over the Operating Range[14]
Parameter
Description
CY74FCT16244T
CY74FCT162244T
CY74FCT16244AT
CY74FCT162244AT
CY74FCT162H244AT
Min.
Max.
Min.
Max.
Unit
Fig. No.[15]
tPLH
tPHL
Propagation Delay Data to Output
1.5
6.5
1.5
4.8
ns
1, 3
tPZH
tPZL
Output Enable Time
1.5
8.0
1.5
6.2
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
7.0
1.5
5.6
ns
1, 7, 8
tSK(O)
Output Skew[16]
0.5
0.5
ns
—
Switching Characteristics Over the Operating Range[14] (continued)
Parameter
Description
CY74FCT16244CT
CY74FCT162244CT
CY74FCT162H244CT
CY74FCT16244ET
CY74FCT162244ET
CY74FCT162H244ET
Min.
Max.
Min.
Max.
Unit
Fig. No.[15]
tPLH
tPHL
Propagation Delay Data to Output
1.5
4.1
1.5
3.2
ns
1, 3
tPZH
tPZL
Output Enable Time
1.5
5.8
1.5
4.4
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.2
1.5
3.6
ns
1, 7, 8
tSK(O)
Output Skew[16]
0.5
0.5
ns
—
Notes:
14. Minimum limits are specified but not tested on Propagation Delays.
15. See “Parameter Measurement Information” in the General Information section.
16. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com