Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT16646ATPVC Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT16646ATPVC
Description  16-Bit Registered Transceivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16646ATPVC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT16646ATPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16646ATPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16646ATPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16646ATPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16646ATPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16646ATPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16646ATPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16646ATPVC Datasheet HTML 8Page - Texas Instruments CY74FCT16646ATPVC Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
16-Bit Registered Transceivers
CY74FCT16646T
CY74FCT162646T
SCCS060 - August 1994 - Revised March 2000
Data sheet acquired from Cypress Semiconductor Corporation.
Data sheet modified to remove devices not offered.
Copyright
© 2000, Texas Instruments Incorporated
Features
• FCT-E speed at 3.8 ns
• Power-off disable outputs permits live insertion
• Edge-rate control circuitry for significantly improved
noise characteristics
• Typical output skew < 250 ps
• ESD > 2000V
• TSSOP (19.6-mil pitch) and SSOP (25-mil pitch)
packages
• Industrial temperature range of
−40˚C to +85˚C
•VCC = 5V ± 10%
CY74FCT16646T Features:
• 64 mA sink current, 32 mA source current
• Typical VOLP (ground bounce) <1.0V at VCC = 5V,
TA = 25˚C
CY74FCT162646T Features:
• Balanced 24 mA output drivers
• Reduced system switching noise
• Typical VOLP (ground bounce) <0.6V at VCC = 5V,
TA= 25˚C
Functional Description
The
CY74FCT16646T
and
CY74FCT162646T
16-bit
transceivers are three-state, D-type registers, and control
circuitry arranged for multiplexed transmission of data directly
from the input bus or from the internal registers. Data on the A
or B bus will be clocked into the registers as the appropriate
clock pin goes to a HIGH logic level. Output Enable (OE) and
direction pins (DIR) are provided to control the transceiver
function. In the transceiver mode, data present at the high
impedance port may be stored in either the A or B register, or
in both. The select controls can multiplex stored and real-time
(transparent mode) data. The direction control determines
which bus will receive data when the Output Enable (OE) is
Active LOW. In the isolation mode (Output Enable (OE) HIGH),
A data may be stored in the B register and/or B data may be
stored in the A register. The output buffers are designed with
a power-off disable feature that allows live insertion of boards.
The
CY74FCT16646T
is
ideally
suited
for
driving
high-capacitance loads and low-impedance backplanes.
The CY74FCT162646T has 24-mA balanced output drivers
with current limiting resistors in the outputs. This reduces the
need for external terminating resistors and provides for
minimal undershoot and reduced ground bounce. The
CY74FCT162646T is ideal for driving transmission lines.
Logic Block Diagrams
FCT16646-1
C
D
1B1
C
D
1A1
TO 7 OTHER CHANNELS
1SAB
1CLKAB
1CLKBA
1DIR
1SBA
1OE
B REG
A REG
C
D
2B1
C
D
2A1
2SAB
2CLKAB
2CLKBA
2DIR
2SBA
2OE
B REG
FCT16646-2
TO 7 OTHER CHANNELS
A REG


Similar Part No. - CY74FCT16646ATPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT16646ATPVC TI-CY74FCT16646ATPVC Datasheet
315Kb / 15P
16-Bit Registered Transceivers
CY74FCT16646ATPVCT TI-CY74FCT16646ATPVCT Datasheet
315Kb / 15P
16-Bit Registered Transceivers
More results

Similar Description - CY74FCT16646ATPVC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163952 TI-CY74FCT163952 Datasheet
65Kb / 6P
16-Bit Registered Transceivers
CY74FCT16952T TI-CY74FCT16952T Datasheet
68Kb / 8P
16-Bit Registered Transceivers
CY74FCT16646T TI-CY74FCT16646T Datasheet
75Kb / 9P
16-Bit Registered Transceivers
logo
Pericom Semiconductor C...
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
Fast CMOS 16-Bit Registered Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
Fast CMOS 3.3V 16-Bit Registered Transceivers
logo
Texas Instruments
CY74FCT16646T TI-CY74FCT16646T_08 Datasheet
315Kb / 15P
16-Bit Registered Transceivers
CY74FCT16652T TI-CY74FCT16652T Datasheet
315Kb / 16P
16-Bit Registered Transceivers
74FCT16652CT TI-74FCT16652CT Datasheet
710Kb / 17P
16-Bit Registered Transceivers
CY74FCT16952T TI1-CY74FCT16952T_15 Datasheet
1Mb / 22P
16-Bit Registered Transceivers
CY74FCT163952 TI1-CY74FCT163952_05 Datasheet
143Kb / 10P
16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com