Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT16543ETPVC Datasheet(PDF) 5 Page - Texas Instruments

Part # CY74FCT16543ETPVC
Description  16-Bit Latched Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT16543ETPVC Datasheet(HTML) 5 Page - Texas Instruments

  CY74FCT16543ETPVC Datasheet HTML 1Page - Texas Instruments CY74FCT16543ETPVC Datasheet HTML 2Page - Texas Instruments CY74FCT16543ETPVC Datasheet HTML 3Page - Texas Instruments CY74FCT16543ETPVC Datasheet HTML 4Page - Texas Instruments CY74FCT16543ETPVC Datasheet HTML 5Page - Texas Instruments CY74FCT16543ETPVC Datasheet HTML 6Page - Texas Instruments CY74FCT16543ETPVC Datasheet HTML 7Page - Texas Instruments CY74FCT16543ETPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY74FCT16543T
CY74FCT162543T
CY74FCT162H543T
5
Switching Characteristics Over the Operating Range[14]
CY74FCT16543T
CY74FCT162543T
CY74FCT16543AT
CY74FCT162543AT
Fig.
No.[15]
Parameter
Description
Min.
Max.
Min.
Max.
Unit
tPLH
tPHL
Propagation Delay
Transparent Mode
A to B or B to A
1.5
8.5
1.5
6.5
ns
1, 3
tPLH
tPHL
Propagation Delay
LEBA to A, LEAB to B
1.5
12.5
1.5
8.0
ns
1, 5
tPZH
tPZL
Output Enable Time
OEBA or OEAB to A or B
CEBA or CEAB to A or B
1.5
12.0
1.5
9.0
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OEBA or OEAB to A or B
CEBA or CEAB to A or B
1.5
9.0
1.5
7.5
ns
1, 7, 8
tSU
Set-up Time HIGH or LOW
A or B to LEAB or LEBA
2.0
—
2.0
—
ns
4
tH
Hold Time HIGH or LOW
A or B to LEAB or LEBA
2.0
—
2.0
—
ns
4
tW
LEBA or LEAB Pulse Width LOW
4.0
—
4.0
—
ns
5
tSK(O)
Output Skew[16]
—
0.5
—
0.5
ns
—
CY74FCT16543CT
CY74FCT162543CT
CY74FCT162H543CT
CY74FCT16543ET
CY74FCT162543ET
Fig.
No.[15]
Parameter
Description
Min.
Max.
Min.
Max.
Unit
tPLH
tPHL
Propagation Delay
Transparent Mode
A to B or B to A
1.5
5.1
1.5
3.4
ns
1, 3
tPLH
tPHL
Propagation Delay
LEBA to A, LEAB to B
1.5
5.6
1.5
3.7
ns
1, 5
tPZH
tPZL
Output Enable Time
OEBA or OEAB to A or B
CEBA or CEAB to A or B
1.5
7.8
1.5
4.8
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
OEBA or OEAB to A or B
CEBA or CEAB to A or B
1.5
6.5
1.5
4.0
ns
1, 7, 8
tSU
Set-up Time HIGH or LOW
A or B to LEAB or LEBA
2.0
—
1.0
—
ns
4
tH
Hold Time HIGH or LOW
A or B to LEAB or LEBA
2.0
—
1.0
—
ns
4
tW
LEBA or LEAB Pulse Width LOW
4.0
—
3.0
—
ns
5
tSK(O)
Output Skew[16]
—
0.5
—
0.5
ns
—
Notes:
14. Minimum limits are specified but not tested on Propagation Delays.
15. See “Parameter Measurement Information” in the General Information section.
16. Skew between any two outputs of the same package switching in the same directional. This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com