Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT162H244CTPVC Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 74FCT162H244CTPVC
Description  16-Bit Buffers/Line Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT162H244CTPVC Datasheet(HTML) 5 Page - Texas Instruments

  74FCT162H244CTPVC Datasheet HTML 1Page - Texas Instruments 74FCT162H244CTPVC Datasheet HTML 2Page - Texas Instruments 74FCT162H244CTPVC Datasheet HTML 3Page - Texas Instruments 74FCT162H244CTPVC Datasheet HTML 4Page - Texas Instruments 74FCT162H244CTPVC Datasheet HTML 5Page - Texas Instruments 74FCT162H244CTPVC Datasheet HTML 6Page - Texas Instruments 74FCT162H244CTPVC Datasheet HTML 7Page - Texas Instruments 74FCT162H244CTPVC Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY74FCT16244T
CY74FCT162244T
CY74FCT162H244T
5
S
Switching Characteristics Over the Operating Range[14]
Parameter
Description
CY74FCT16244T
CY74FCT162244T
CY74FCT16244AT
CY74FCT162244AT
CY74FCT162H244AT
Min.
Max.
Min.
Max.
Unit
Fig. No.[15]
tPLH
tPHL
Propagation Delay Data to Output
1.5
6.5
1.5
4.8
ns
1, 3
tPZH
tPZL
Output Enable Time
1.5
8.0
1.5
6.2
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
7.0
1.5
5.6
ns
1, 7, 8
tSK(O)
Output Skew[16]
0.5
0.5
ns
—
Switching Characteristics Over the Operating Range[14] (continued)
Parameter
Description
CY74FCT16244CT
CY74FCT162244CT
CY74FCT162H244CT
CY74FCT16244ET
CY74FCT162244ET
CY74FCT162H244ET
Min.
Max.
Min.
Max.
Unit
Fig. No.[15]
tPLH
tPHL
Propagation Delay Data to Output
1.5
4.1
1.5
3.2
ns
1, 3
tPZH
tPZL
Output Enable Time
1.5
5.8
1.5
4.4
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
5.2
1.5
3.6
ns
1, 7, 8
tSK(O)
Output Skew[16]
0.5
0.5
ns
—
Notes:
14. Minimum limits are specified but not tested on Propagation Delays.
15. See “Parameter Measurement Information” in the General Information section.
16. Skew between any two outputs of the same package switching in the same direction. This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com