Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD75232 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # GD75232
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GD75232 Datasheet(HTML) 1 Page - Texas Instruments

  GD75232 Datasheet HTML 1Page - Texas Instruments GD75232 Datasheet HTML 2Page - Texas Instruments GD75232 Datasheet HTML 3Page - Texas Instruments GD75232 Datasheet HTML 4Page - Texas Instruments GD75232 Datasheet HTML 5Page - Texas Instruments GD75232 Datasheet HTML 6Page - Texas Instruments GD75232 Datasheet HTML 7Page - Texas Instruments GD75232 Datasheet HTML 8Page - Texas Instruments GD75232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GD75232
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS206C – MAY 1995 – REVISED JULY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Single Chip With Easy Interface Between
UART and Serial-Port Connector of IBM
PC/AT
™ and Compatibles
D Meets or Exceeds the Requirements of
ANSI Standard TIA/EIA-232-F and ITU
Recommendation V.28
D Designed to Support Data Rates up to
120 kbit/s
D Pinout Compatible With SN75C185 and
SN75185
D ESD Protection to 2 kV on Bus Terminals
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB) Packages, and DIPs (N)
description
The GD75232 combines three drivers and five receivers from TI
™ trade-standard SN75188 and SN75189
bipolar quadruple drivers and receivers, respectively. The pinout matches the flow-through design of the
SN75C185 to decrease the part count, reduce the board space required, and allow easy interconnection of the
UART and serial-port connector of an IBM
™ PC/AT™ and compatibles. The bipolar circuits and processing of
the GD75232 provide a rugged, low-cost solution for this function at the expense of quiescent power and
external passive components relative to the SN75C185.
The GD75232 complies with the requirements of the TIA/EIA-232-F and ITU (formerly CCITT) V.28 standards.
These standards are for data interchange between a host computer and a peripheral at signaling rates up to
20 kbit/s. The switching speeds of the GD75232 are fast enough to support rates up to 120 kbit/s with lower
capacitive loads (shorter cables). Interoperability at the higher signaling rates cannot be expected unless the
designer has design control of the cable and the interface circuits at both ends. For interoperability at signaling
rates up to 120 kbit/s, use of ANSI TIA/EIA-423-B (ITU V.10) and TIA/EIA-422-B (ITU V.11) standards is
recommended.
The GD75232 is characterized for operation over the temperature range of 0
°C to 70°C.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD
RA1
RA2
RA3
DY1
DY2
RA4
DY3
RA5
VSS
VCC
RY1
RY2
RY3
DA1
DA2
RY4
DA3
RY5
GND
DB, DW, OR N PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI is a trademark of Texas Instruments Incorporated.
IBM and PC/AT are trademarks of International Business Machines Corporation.


Similar Part No. - GD75232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GD75232 TI-GD75232 Datasheet
400Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75232 TI-GD75232 Datasheet
400Kb / 18P
MULTIPLE RS 232 DRIVERS AND RECEICERS
GD75232 TI1-GD75232 Datasheet
1Mb / 23P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75232DBR TI-GD75232DBR Datasheet
400Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
GD75232DBR TI1-GD75232DBR Datasheet
1Mb / 23P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - GD75232

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
Multiple RS-232 drivers and receivers
01-Jun-2006
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185C STMICROELECTRONICS-ST75185C Datasheet
798Kb / 22P
Multiple RS-232 drivers and receivers
19-Dec-2007
logo
Texas Instruments
SN75185 TI-SN75185_07 Datasheet
547Kb / 21P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com