Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM337
Description  3-TERMINAL ADJUSTABLE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM337 Datasheet(HTML) 3 Page - Texas Instruments

  LM337 Datasheet HTML 1Page - Texas Instruments LM337 Datasheet HTML 2Page - Texas Instruments LM337 Datasheet HTML 3Page - Texas Instruments LM337 Datasheet HTML 4Page - Texas Instruments LM337 Datasheet HTML 5Page - Texas Instruments LM337 Datasheet HTML 6Page - Texas Instruments LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM237, LM337
3-TERMINAL ADJUSTABLE REGULATORS
SLVS047G – NOVEMBER 1981 – REVISED SEPTEMBER 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of operating virtual junction temperature
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
LM237
LM337
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Input regulation‡
VI – VO = –3 V to –40 V
TJ = 25°C
0.01
0.02
0.01
0.04
%/V
Input regulation‡
VI – VO = –3 V to –40 V
TJ = MIN to MAX
0.02
0.05
0.02
0.07
%/V
Ripple rejection
VO = –10 V,
f = 120 HZ
60
60
dB
Ripple rejection
VO = –10 V,
f = 120 HZ,
CADJ = 10 µF
66
77
66
77
dB
Output regulation
IO = 10 mA to 1.5 A,
|VO| ≤ 5 V
25
50
mV
Output regulation
IO = 10 mA to 1.5 A,
TJ = 25°C
|VO| ≥ 5 V
0.3%
0.5%
0.3%
1%
Output regulation
IO = 10 mA to 1.5 A
|VO| ≤ 5 V
50
70
mV
IO = 10 mA to 1.5 A
|VO| ≥ 5 V
1%
1.5%
Output-voltage
change with
temperature
TJ = MIN to MAX
0.6%
0.6%
Output-voltage
long-term drift
After 1000 h at TJ = MAX and VI – VO = –40 V
0.3%
1%
0.3%
1%
Output noise
voltage
f = 10 HZ to 10 kHZ,
TJ = 25°C
0.003%
0.003%
Minimum output
current to maintain
|VI – VO| ≤ 40 V
2.5
5
2.5
10
mA
current to maintain
regulation
|VI – VO| ≤ 10 V
1.2
3
1.5
6
mA
Peak output current
|VI – VO| ≤ 15 V
1.5
2.2
1.5
2.2
A
Peak output current
|VI – VO| ≤ 40 V,
TJ = 25°C
0.24
0.4
0.15
0.4
A
Adjustment-terminal
current
65
100
65
100
µA
Change in
adjustment-terminal
current
VI – VO = – 2.5 V to –40 V,
IO = 10 mA to MAX
TJ = 25°C,
2
5
2
5
µA
Reference voltage
VI – VO = – 3 V to –40 V,
IO = 10 mA to 1.5 A,
TJ = 25°C
–1.225
–1.25
–1.275
–1.213
–1.25
–1.287
V
Reference voltage
(output to ADJ)
IO = 10 mA to 1.5 A,
P
≤ rated dissipation
TJ = MIN to MAX
–1.2
–1.25
–1.3
–1.2
–1.25
–1.3
V
Thermal regulation
Initial TJ = 25°C,
10-ms pulse
0.002
0.02
0.003
0.04
%/W
† Unless otherwise noted, these specifications apply for the following test conditions |VI – VO| = 5 V and IO = 0.5 A. For conditions shown as MIN
or MAX, use the appropriate value specified under recommended operating conditions. All characteristics are measured with a 0.1-
µF capacitor
across the input and a 1-
µF capacitor across the output. Pulse-testing techniques are used to maintain the junction temperature as close to the
ambient temperature as possible. Thermal effects must be taken into account separately.
‡ Input regulation is expressed here as the percentage change in output voltage per 1-V change at the input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com