Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM237KC Datasheet(PDF) 1 Page - Texas Instruments

Part # LM237KC
Description  3-TERMINAL ADJUSTABLE REGULATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM237KC Datasheet(HTML) 1 Page - Texas Instruments

  LM237KC Datasheet HTML 1Page - Texas Instruments LM237KC Datasheet HTML 2Page - Texas Instruments LM237KC Datasheet HTML 3Page - Texas Instruments LM237KC Datasheet HTML 4Page - Texas Instruments LM237KC Datasheet HTML 5Page - Texas Instruments LM237KC Datasheet HTML 6Page - Texas Instruments LM237KC Datasheet HTML 7Page - Texas Instruments LM237KC Datasheet HTML 8Page - Texas Instruments LM237KC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LM237, LM337
3-TERMINAL ADJUSTABLE REGULATORS
SLVS047G – NOVEMBER 1981 – REVISED SEPTEMBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Output Voltage Range Adjustable From
–1.2 V to –37 V
D Output Current Capability of 1.5 A Max
D Input Regulation Typically 0.01% Per
Input-Voltage Change
D Output Regulation Typically 0.3%
D Peak Output Current Constant Over
Temperature Range of Regulator
D Ripple Rejection Typically 77 dB
D Direct Replacement for Industry-Standard
LM237 and LM337
description/ordering information
The LM237 and LM337 are adjustable 3-terminal negative-voltage regulators capable of supplying in excess
of –1.5 A over an output voltage range of –1.2 V to –37 V. They are exceptionally easy to use, requiring only
two external resistors to set the output voltage and one output capacitor for frequency compensation. The
current design has been optimized for excellent regulation and low thermal transients. In addition, the LM237
and LM337 feature internal current limiting, thermal shutdown, and safe-area compensation, making them
virtually immune to failure by overloads.
The LM237 and LM337 serve a wide variety of applications, including local on-card regulation, programmable
output-voltage regulation, and precision current regulation.
ORDERING INFORMATION
TJ
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–25
°C to 150°C
TO-220 (KC)
Tube of 50
LM237KC
LM237
0 C to 125 C
PowerFLEX
 (KTE)
Reel of 2000
LM337KTER
LM337
0
°C to 125°C
PowerFLEX
 (KTP)
Reel of 3000
LM337KTPR
L337
TO-220 (KC)
Tube of 50
LM337KC
LM337
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
at www.ti.com/sc/package.
ADJUSTMENT
INPUT
OUTPUT
LM337 . . . KTE OR KTP PACKAGE
(TOP VIEW)
OUTPUT
ADJUSTMENT
INPUT
LM237, LM337 . . . KC (TO-220) PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX is a trademark of Texas Instruments.


Similar Part No. - LM237KC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM237KC TI-LM237KC Datasheet
745Kb / 17P
3-TERMINAL ADJUSTABLE REGULATORS
LM237KCE3 TI-LM237KCE3 Datasheet
745Kb / 17P
3-TERMINAL ADJUSTABLE REGULATORS
LM237KCSE3 TI-LM237KCSE3 Datasheet
745Kb / 17P
3-TERMINAL ADJUSTABLE REGULATORS
LM237KCSE3 TI2-LM237KCSE3 Datasheet
737Kb / 25P
LMx37 3-Terminal Adjustable Regulators
REVISED JANUARY 2015
LM237KCSE3.A TI2-LM237KCSE3.A Datasheet
737Kb / 25P
LMx37 3-Terminal Adjustable Regulators
REVISED JANUARY 2015
More results

Similar Description - LM237KC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
TL317 TI-TL317 Datasheet
120Kb / 7P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
WS337L WINGS-WS337L Datasheet
113Kb / 1P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Texas Instruments
LM237 TI-LM237_07 Datasheet
745Kb / 17P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
3-Terminal Adjustable Regulators
logo
Texas Instruments
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
3-Terminal Adjustable Negative Regulators
LM237 TI-LM237_15 Datasheet
1Mb / 25P
LMx37 3-Terminal Adjustable Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com