Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIZ-24-R Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # MIZ-24-R
Description  Cooper-Wheelock
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

MIZ-24-R Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  MIZ-24-R Datasheet HTML 1Page - Gamewell-FCI by Honeywell MIZ-24-R Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2006 Gamewell-FCI All rights reserved.
www.gamewell-fci.com
9020-0570 Rev. B page 1 of 2
Cooper-Wheelock
MIZ-24
Description
Cooper-Wheelock’s MIZ Series Piezoelectric Mini-
Horns are compact electronic alarm signals that are
Listed under UL 464 for Audible Appliances for use in
public mode Fire Protection Systems. They are ideal
for alarm signaling in individual rooms, apartments,
hotels, motels, offices - where attractive appearance,
dependable performance and economical installation
are prime concerns. MIZ Mini-Horns produce high
sound output (90 dBA at 10 feet [3.048 m] with mini-
mum current draw, 12 milliamperes at 24 volts. All
Mini-Horn models are designed for easy installation
with convenient mounting on standard single-gang
boxes. They are ruggedly constructed of high-impact
thermoplastic and are available in either fire-alarm
red or off white to blend with the room decor.
The MIZ Series Strobe-Horns are designed for maxi-
mum performance, reliability and cost-effectiveness
while meeting or exceeding the latest requirements
of NFPA 72 (the National Fire Alarm Code) and ANSI
117.1 (the American National Standard of Accessible
and Usable Buildings and Facilities).
The MIZ Series signals are available for 24 VDC and
may be used with filtered or unfiltered (full-wave rec-
tified) input voltages. MIZ Series Signals have IN/
OUT wiring termnials that accept 12 to 18 AWG wire
at each terminal. Inputs are polarized for use on
supervised circuits.
Ordering Information
Features
• High sound output for enhanced audibility (90 dBA
at 10 feet [3.048 m]).
• Low current draw with low termperature compensa-
tion to reduce power consumption and wiring costs.
• 24 VDC models with wide listed voltage range,
filtered DC and FWR.
• Polarized inputs for compatibility with standard
reverse polarity type supervision of circuit wiring by
an alarm panel.
• Low-cost installation via standard electrical boxes.
Attractive flush or surface mounting options.
• No additional trimplate required for flush mounting.
Fast installation with In/Out screw terminals for 12
to 18 AWG wire.
• Compliance with RFI limits in FCC Part 15, Class B
for compatibility with sensitive detection and com-
munication circuits.
Model
Number
Voltage
dBA @
10 Feet
Current
(Amps)
Mounting
Options*
MIZ-24-R
24 VDC
90
0.024
B, C, F, G
MIZ-24-W
24 VDC
90
0.024
B, C, F, G
Mode code suffixes: R = red plate; W = white plate.
For descriptions of Mounting Options, refer to
Cooper-Wheelock DataSheet S7000.
* Use 3.5” (8.89 cm) deep backbox on all MIZ
products when EMT conduit is used.
MIZ Series, MIZ-24
An ISO 9000-2000 Company
SIGNALING
E5946
A PPR O VE D
FM
0V1A5.AY
ME A
A p pr o v ed
151 -92-E V o l. II
7135-0785:115
US LISTED
C U
L
R
CS243
MIZ-24
City of
Chicag
o


Similar Part No. - MIZ-24-R

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
MIZ-24S GAMEWELL-FCI-MIZ-24S Datasheet
110Kb / 2P
Wheelock MIZ-24S Mini Horn Series
MIZ-24S-R GAMEWELL-FCI-MIZ-24S-R Datasheet
110Kb / 2P
Wheelock MIZ-24S Mini Horn Series
MIZ-24S-W GAMEWELL-FCI-MIZ-24S-W Datasheet
110Kb / 2P
Wheelock MIZ-24S Mini Horn Series
More results

Similar Description - MIZ-24-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
RSS-24MCW-FR FCI-CONNECTOR-RSS-24MCW-FR Datasheet
152Kb / 4P
Cooper-Wheelock
logo
Gamewell-FCI by Honeywe...
AS9024 GAMEWELL-FCI-AS9024 Datasheet
240Kb / 4P
Cooper-Wheelock AS/AH Serles
ET70-R GAMEWELL-FCI-ET70-R Datasheet
240Kb / 4P
Wheelock
E50-R GAMEWELL-FCI-E50-R Datasheet
92Kb / 3P
Cooper-Wheelock
E60-R GAMEWELL-FCI-E60-R Datasheet
96Kb / 3P
Cooper-Wheelock
ET70-24MCW-FR GAMEWELL-FCI-ET70-24MCW-FR Datasheet
110Kb / 4P
Cooper-Wheelock ET Series Low-Profile Speakers & Speaker Strobes
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
NS-24MCW-FR GAMEWELL-FCI-NS-24MCW-FR Datasheet
125Kb / 3P
Cooper-Wheelock NS Series Horn Strobes & NH Series Horns
logo
E-SWITCH
14-RB2S00045 E-SWITCH-14-RB2S00045 Datasheet
92Kb / 1P
SILVER PLATED COOPER
14-RB2S00095 E-SWITCH-14-RB2S00095 Datasheet
88Kb / 1P
SILVER PLATED COOPER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com