Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD-PL2F Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # ASD-PL2F
Description  Analog, addressable photoelectronic smoke sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ASD-PL2F Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  ASD-PL2F Datasheet HTML 1Page - Gamewell-FCI by Honeywell ASD-PL2F Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1653 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9020-0617 Rev. E page 2 of 2
www.gamewell-fci.com
Installation
ASD-PL2F plug-in sensors use a separate base to
simplify installation, service, and maintenance. A
special tool allows maintenance personnel to plug-in
and remove sensors without using a ladder.
Mount the base on a box which is at least 1.5" (3.8 cm)
deep. Suitable mounting base boxes include:
•4.0" (10.2 cm) square box
•3.5" (8.9 cm) or 4.0" (10.2 cm) octagonal box
• Single-gang box (except relay or isolator bases)
• With B501BH or B501BHT base, use a 4.0" (10.2 cm)
square box
• With B224RB or B224BI base, use a 3.5" (8.9 cm)
octagonal box, or a 4.0" (10.2 cm) octagonal or square
box
NOTE: Because of the inherent supervision provided
by the SLC, end-of-line resistors are not required.
Wiring “T-taps” or branches are permitted for Style 4
(Class “B”) wiring.
Sensor Spacing
Gamewell-FCI recommends spacing sensors in com-
pliance with NFPA 72. In low airflow applications with
smooth ceilings, space sensors 30 feet (9.1 m). For
specific information regarding sensor spacing, place-
ment and special applications, refer to NFPA 72.
Specifications
Size:
2.1” (5.1 cm) high x 4.1” (10.4 cm)
diameter installed in B501 base, 6.1”
(15.5 cm) diameter installed in ADB-FL
base.
Shipping Weight: 5.2 oz. (147 g)
Operating
Temperature:
ASD-PL2F:
32° F to 120° F (0° C to 49° C)
ASD-PTL2F:
32° F to 100° F (0° C to 38° C)
UL®-Listed
Velocity Range: 0-4000 ft./min. (1,219.2 m/min.),
suitable for installation in ducts.
Relative
Humidity:
10-93% (non-condensing)
Thermal Ratings: Fixed-temperature setpoint
135° F (57° C)
Electrical Specifications
VoltageRange:
15 – 32 volts DC peak
Standby Current: (max. avg.): .0003 A @ 24 VDC
(one communication every 5
seconds with LED enabled)
Maximum Alarm
Current:
.0065 A @ 24 VDC (LED) lit).
Bases and Options
ADB-FL
6.1” (15.5 cm) diameter
B501
4.1” (10.4 cm) diameter
B501BH or
B501BHT
Sounder base assembly (B501BHT
produces a temporal pattern).
Includes B501 base
B224RB
Relay Base
Screw terminals:
Up to 14 AWG (2.0 mm2)
Relay type: Form-C
Rating:
2.0A @ 30 VDC resistive;
0.3 A @ 110 VDC inductive;
1.0 A @ 30 VDC inductive.
Dimensions:
6.2” x 1.2” (15.7 x 3.0 cm)
Maximum: 25 devices between
isolator bases.
RA400Z
Remote alarm indicator, LED.
BCK-200
Black detector covers (box of 10)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com