Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPRF Datasheet(PDF) 1 Page - Gamewell-FCI by Honeywell

Part # ADPRF
Description  Analog addressable low-flow photoelec-tronic non-relay duct smoke sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

ADPRF Datasheet(HTML) 1 Page - Gamewell-FCI by Honeywell

  ADPRF Datasheet HTML 1Page - Gamewell-FCI by Honeywell ADPRF Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2008 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9020-0622 Rev. C page 1 of 2
Velociti® Series
ADPF and ADPRF
Analog Addressable
Low-Flow Duct Sensor
An ISO 9000-2000 Company
APPROVED
FM
3023594
SIGNALING
03240-0694:238
S1913
MEA
Approved
219-02-E Vol.VI
Description
Velociti® and E3 Series® are registered trademarks of Honeywell International Inc.
The Gamewell-FCI Velociti® Series, low-flow photoelec-
tronic air duct smoke sensors are capable of sensing
smoke in air velocities from 100 to 4,000 feet per minute
(0.5 to 20.32 m/sec.).
ADPF sensors feature low-flow technology that enables
duct smoke detection throughout a broad range of airflow
environments. Many difficult to solve HVAC applications
occur in low airflow duct applications where reliable smoke
detection is critical. ADPF low-flow technology can detect
smoke at air speed velocities of 100 feet per minute or
greater, while continuing the same reliable performance to
4,000 feet per minute.
The ADPF sensor samples air currents passing through a
duct and gives dependable performance for shutdown of
fans, blowers, and air conditioning systems, preventing
the spread of toxic smoke and fire gases through the pro-
tected area.
The Velociti® Series use a communication protocol that
substantially increases the speed of communication
between the sensors and certain Gamewell-FCI analog
addressable fire alarm controls. These devices operate in
a grouped fashion. If one of the devices in the group has a
status change, the panel’s microprocessor stops the group
poll and concentrates on the single device. The net effect
is a response speed up to five times greater than earlier
designs.
These intelligent sensors communicate and are continu-
ously monitored through the signaling line circuit. Sensor
sensitivity changes caused by dirt, temperature, or humid-
ity are reported to the panel, allowing compensation algo-
rithms to maintain the sensor’s set sensitivity. An advance
indication at the panel specifies the sensor address, allow-
ing for selected maintenance to be performed as needed.
Features
• Air velocity rating from 100 to 4,000 feet per minute
(0.5 to 20.32 m/sec.)
• Patented telescopic sampling tube
• Easily accessible code switches
• Outside mounting tabs
• Easy and quick mounting to round or rectangular ducts
from 1'-12' (0.3-3.7 meters) wide
• Easy to clean
• UL recognized field-replaceable power and sensor
boards
• Transparent cover for convenient visual inspection.
Bi-color LEDs flash green whenever the sensor is
addressed, and light steady red on alarm
*Note: Only the red LED is operative in panels that do not operate
in Velociti mode.
ADPF
ADPRF


Similar Part No. - ADPRF

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
ADP MORNSUN-ADP Datasheet
196Kb / 2P
ADP Series Special for LCD Power supply
logo
Sennheiser electronic S...
ADP UHF SENNHEISER-ADP UHF Datasheet
569Kb / 10P
Evolution Wireless Digital
V1.7
ADP UHF SENNHEISER-ADP UHF Datasheet
249Kb / 7P
Evolution Wireless Digital
V1.8
ADP UHF SENNHEISER-ADP UHF Datasheet
254Kb / 7P
Evolution Wireless Digital
V1.8
ADP UHF SENNHEISER-ADP UHF Datasheet
250Kb / 7P
Evolution Wireless Digital
V1.8
More results

Similar Description - ADPRF

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
DH200PL SYSTEMSENSOR-DH200PL Datasheet
404Kb / 4P
Intelligent Low-Flow Duct Smoke Detectors
DNR SYSTEMSENSOR-DNR Datasheet
1Mb / 4P
Intelligent Non-Relay Photoelectric Duct Smoke Detector
DH100LP SYSTEMSENSOR-DH100LP Datasheet
168Kb / 4P
2-Wire Low-Flow Duct Smoke Detector
DH100ACDCLP SYSTEMSENSOR-DH100ACDCLP Datasheet
268Kb / 4P
4-Wire Photoelectric Low-Flow Duct Smoke Detector
logo
Gamewell-FCI by Honeywe...
ASD-PL2F GAMEWELL-FCI-ASD-PL2F Datasheet
197Kb / 2P
Analog, addressable photoelectronic smoke sensor
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
Analog, Addressable loniation Smoke Sensor
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
Analog Addressable Duct Smoke Detectors
SS-PD GAMEWELL-FCI-SS-PD Datasheet
225Kb / 4P
Intelligent Low-Flow Photoelectric Duct Smoke Detectors
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
Analog Addressable Laser Smoke Sensor
ASD-PL2F GAMEWELL-FCI-ASD-PL2F_13 Datasheet
53Kb / 2P
Analog, Addressable Photoelectronic Smoke Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com