Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN55188 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN55188
Description  QUADRUPLE LINE DRIVERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN55188 Datasheet(HTML) 1 Page - Texas Instruments

  SN55188 Datasheet HTML 1Page - Texas Instruments SN55188 Datasheet HTML 2Page - Texas Instruments SN55188 Datasheet HTML 3Page - Texas Instruments SN55188 Datasheet HTML 4Page - Texas Instruments SN55188 Datasheet HTML 5Page - Texas Instruments SN55188 Datasheet HTML 6Page - Texas Instruments SN55188 Datasheet HTML 7Page - Texas Instruments SN55188 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC1488, SN55188, SN75188
QUADRUPLE LINE DRIVERS
SLLS094B – SEPTEMBER 1983 – REVISED MAY 1995
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meet or Exceed the Requirements of ANSI
EIA / TIA-232-E and ITU Recommendation
V.28
D Designed to Be Interchangeable With
Motorola MC1488
D Current-Limited Output: 10 mA Typical
D Power-Off Output Impedance: 300 Ω
Minimum
D Slew Rate Control by Load Capacitor
D Flexible Supply Voltage Range
D Input Compatible With Most TTL Circuits
description
The MC1488, SN55188, and SN75188 are
monolithic quadruple line drivers designed to
interface data terminal equipment with data
communications equipment in conformance with
ANSI EIA/TIA-232-E using a diode in series with
each supply-voltage terminal as shown under
typical applications.
The SN55188 is characterized for operation over
the full military temperature range of – 55
°C to
125
°C. The MC1488 and SN75188 are
characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(drivers 2–4)
A
B
Y
H
H
L
L
XH
X
L
H
H = high level, L = low level,
X = irrelevant
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VCC–
1A
1Y
2A
2B
2Y
GND
VCC +
4B
4A
4Y
3B
3A
3Y
SN55188 ...J OR W PACKAGE
MC1488, SN75188 ...D OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3B
1Y
NC
2A
NC
2B
SN55188 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - SN55188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55188 TI-SN55188 Datasheet
531Kb / 15P
QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
525Kb / 16P
QUADRUPLE LINE DRIVERS
SN55188J TI-SN55188J Datasheet
531Kb / 15P
QUADRUPLE LINE DRIVERS
SN55188J TI-SN55188J Datasheet
525Kb / 16P
QUADRUPLE LINE DRIVERS
SN55188J TI1-SN55188J Datasheet
878Kb / 20P
QUADRUPLE LINE DRIVERS
More results

Similar Description - SN55188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
QUADRUPLE LINE DRIVERS
logo
Texas Instruments
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
QUADRUPLE LOW-POWER LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
QUADRUPLE LINE DRIVERS
logo
KODENSHI_AUK CORP.
KK1488 KODENSHI-KK1488 Datasheet
277Kb / 5P
Quadruple Line Drivers
logo
Texas Instruments
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
QUADRUPLE LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
QUADRUPLE DIFFERENTIAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com