Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPT-XSTAND Datasheet(PDF) 2 Page - Gamewell-FCI by Honeywell

Part # FPT-XSTAND
Description  Provides the following
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Direct Link  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

FPT-XSTAND Datasheet(HTML) 2 Page - Gamewell-FCI by Honeywell

  FPT-XSTAND Datasheet HTML 1Page - Gamewell-FCI by Honeywell FPT-XSTAND Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60283 Rev. A page 2 of 2
www.gamewell-fci.com
FocalPoint Mobile Workstation:
Use this mobile graphic workstation to evaluate complex
situations and quickly make strategic decisions when
monitoring the fire alarm control system. During an emer-
gency, where information must be evaluated in seconds,
using a small LCD screen to navigate a fire alarm control
panel is arduous and time-consuming. The FocalPoint
Mobile Workstation greatly simplifies the management of
medium to large size fire alarm control systems. Opera-
tors can use this workstation to view the status of multiple
fire alarm systems outside of the affected area which
increases safety to responders, and gives the decision
makers a better view of the whole incident.
Specifications
•
Portable 1.1 GHz tablet PC with 1 GB RAM, 40 GB
HDD, 55 Wh Battery with Tablet, Integrated Cellular
Broadband, Integrated 802.11abg (CCX & Wi-Fi
Certified), Integrated Bluetooth, USB 2.0 Ports x 2,
RJ-45 Ethernet Port, CRT Port, Microphone Port,
Speaker Port
•
10.4" XGA Transmissive Sunlight/Indoor/Outdoor
Readable display, active digitizer and pen
•
UL1604 (Class I, Div 2), Atex (Zone 2, Category 3), IP
67 (up to 30 cm), AC power adapter and North
American power cord
•
Microsoft Windows® XP Tablet PC edition
Ordering Information
Part Number
Description
FPT-MOBILE
FocalPoint Mobile Tablet PC
•
Microsoft Windows® XP Tablet PC
edition
•Intel® Pentium M 733 (1.1 GHz)
processor
•
10.4” XGA Transmissive Sunlight/
Indoor/Outdoor Readable display
•
Active digitizer and pen
•
AC power adapter and North
American power cord
•
40GB HDD/1 GB DDR RAM
•
55 Wh Battery with Tablet
•
Integrated EVDO-Verizon*
(activation required)
•
Integrated 802.11abg
(CCX & Wi-Fi Certified)
•
Integrated Bluetooth
•
USB 2.0 Ports x 2
•
RJ-45 Ethernet Port
•CRT Port
•
Microphone Port
•
Speaker Port
•
Pre-loaded FocalPoint Mobile
software and FocalPoint Mobile Key
Ordering Information (Continued)
Part Number
Description
FPT-XSTAND
Provides the following:
•
Active X-Stand with Integrated
DVD-ROM
•
A flexible office docking solution
with integrated 8X DVD-ROM/
24X CD-RRW/ 24X CD-ROM for the
iX tablet
•
Articulating arm used to adjust the
tablet orientation
•
Single battery rapid charger
compartment
•
Charges battery in 2-3 hours
•
Ports include:
- 2* USB 2.0 port
(1 Hub and 1 Powered)
- 1* CRT port (DB15)
- 1* P1394 port
- 1* RJ-45 LAN port
- 1* Microphone jack
- 1* Power jack
- 1* Stereo headphone jack
- 1* Virtual RS-232 port (DB9)
- 1* Virtual Printer port (DB25)
•
Power supply is included
FPT-XDIM
xDIM Active Kit
Kit includes:
•
Key-lockable Passive X-Dock
•xDIM
•
xDIM Cable Management
Enclosure
Provides the following:
•
2 USB ports
•Audio out
•
Mic jack
•Power in,
•
External antenna connection as well
as fuses and wire for installation



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com